Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM73P982 Datasheet(PDF) 3 Page - ELAN Microelectronics Corp

Part # EM73P982
Description  4-BIT MICROCONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P982 Datasheet(HTML) 3 Page - ELAN Microelectronics Corp

  EM73P982 Datasheet HTML 1Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 2Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 3Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 4Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 5Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 6Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 7Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 8Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
3
* This specification are subject to be changed without notice.
EM73P982
EM73P982
EM73P982
EM73P982
EM73P982
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
12.25.2001
P8.1(TRGB)/WAKEUPB I/O-L
2-bit bidirection I/O port with time/counter A,B external input and Sleep
P8.3(TRGA)/WAKEUPD
/Hold releasing function
P8.1/DOUT : Data output for programming OTP
mask option :
wakeup enable, push-pull
wakeup disable, push-pull
wakeup disable, open-drain
VO
Built-in Speech synthesizer analog signal output
SOUND
Built-in sound effect output
COM0~COM7
LCD common output pins
SEG0~SEG39
LCD segment output pins
TEST
Test pin must be floating
VPP
High voltage (12V) power source for programming OTP
P4.0/SOUND
I/O-O
1-bit bidirection I/O port or inverse sound effect output
mask option :
SOUND enable, push-pull, high current PMOS
SOUND disable, open-drain
SOUND disable, push-pull, high current PMOS
SOUND disable, push-pull, low current PMOS
P4(1..3)
I/O-N
3-bit bidirection I/O port with high current source.
mask option :
open-drain
push-pull, high current PMOS
push-pull, low current PMOS
P8.0/WAKEUPA
I/O-L
2-bit bidirection I/O port with external interrupt sources input only for
P8.2(INT0)/WAKEUPC
P8.2 and Sleep/Hold releasing function
P8.0/DIN : Data input for programming OTP
mask option :
wakeup enable, push-pull
wakeup disable, push-pull
wakeup disable, open-drain
Symbol
Symbol
Symbol
Symbol
Symbol
Pin-type
Pin-type
Pin-type
Pin-type
Pin-type
Function
Function
Function
Function
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com