Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM84530 Datasheet(PDF) 8 Page - ELAN Microelectronics Corp

Part # EM84530
Description  2-IN-ONE MOUSE CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM84530 Datasheet(HTML) 8 Page - ELAN Microelectronics Corp

Back Button EM84530 Datasheet HTML 4Page - ELAN Microelectronics Corp EM84530 Datasheet HTML 5Page - ELAN Microelectronics Corp EM84530 Datasheet HTML 6Page - ELAN Microelectronics Corp EM84530 Datasheet HTML 7Page - ELAN Microelectronics Corp EM84530 Datasheet HTML 8Page - ELAN Microelectronics Corp EM84530 Datasheet HTML 9Page - ELAN Microelectronics Corp EM84530 Datasheet HTML 10Page - ELAN Microelectronics Corp EM84530 Datasheet HTML 11Page - ELAN Microelectronics Corp EM84530 Datasheet HTML 12Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
EM84530
2-IN-ONE MOUSE CONTROLLER
8
* This specification are subject to be changed without notice.
6.28.1999
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
m). Status Request ( E9 )
When this command is issued by the system, EM84530 respond with a 3-byte status report as follows:
Byte
Bit
Description
1
0
1 = Right button pressed
1
1 = Middle button pressed
2
1 = Left button pressed
3
Reserved
4
0 = Normal speed, 1 = Autospeed
5
0 = Disabled, 1 = Enabled
6
0 = Stream mode, 1 = Remote mode
7
Reserved
2
0-7
Current resolution setting ( D0 - D7 )
3
0-7
Current sampling rate ( D0 - D7 )
n). Set Resolution ( E8,XX )
EM84530 provides four resolutions selected by the second byte of this command as follows:
Second Byte XX
Resolution
00
8 dots/count
01
4 dots/count
02
2 dots/count
03
1 dots/count
o). Set Autospeed ( E7 )
At the end of a sample interval in the stream mode, the current X and Y data values are converted new values.
The sign bits are not involved in this conversion. The conversion is only in stream mode. The relationship
between the input and output count follows:
Input
Ouput
00
11
21
33
46
59
N(
≥6 )
2.0*N
p). Reset Autospeed ( E6 )
This command restore normal speed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com