Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM84530 Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

Part # EM84530
Description  2-IN-ONE MOUSE CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM84530 Datasheet(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EM84530 Datasheet HTML 6Page - ELAN Microelectronics Corp EM84530 Datasheet HTML 7Page - ELAN Microelectronics Corp EM84530 Datasheet HTML 8Page - ELAN Microelectronics Corp EM84530 Datasheet HTML 9Page - ELAN Microelectronics Corp EM84530 Datasheet HTML 10Page - ELAN Microelectronics Corp EM84530 Datasheet HTML 11Page - ELAN Microelectronics Corp EM84530 Datasheet HTML 12Page - ELAN Microelectronics Corp EM84530 Datasheet HTML 13Page - ELAN Microelectronics Corp EM84530 Datasheet HTML 14Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
EM84530
2-IN-ONE MOUSE CONTROLLER
13
* This specification are subject to be changed without notice.
6.28.1999
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
(B) Serial mouse mode :
(A) RXD output :
(B) Bytes structure :
Tmx
Tmx
Key in/release
Mouse RXD
RXD
1st
2rd
3nd
4nd
(C) Bits structure :
(D) PnP ID code echo timing :
0 1
RXD LINE
Data Bit no.
Ts
Td
Td
Td
Td Td
Td
Td
TP
Tp
0
4D 5A 40
00
00
00 08
1
2
345
6
RTS
RXD
<
Trd
>
Ts
0
123
4
5
Tp Tp
PnP ID code
09
"4D" code
Bit no



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com