Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM84530 Datasheet(PDF) 10 Page - ELAN Microelectronics Corp

Part # EM84530
Description  2-IN-ONE MOUSE CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM84530 Datasheet(HTML) 10 Page - ELAN Microelectronics Corp

Back Button EM84530 Datasheet HTML 6Page - ELAN Microelectronics Corp EM84530 Datasheet HTML 7Page - ELAN Microelectronics Corp EM84530 Datasheet HTML 8Page - ELAN Microelectronics Corp EM84530 Datasheet HTML 9Page - ELAN Microelectronics Corp EM84530 Datasheet HTML 10Page - ELAN Microelectronics Corp EM84530 Datasheet HTML 11Page - ELAN Microelectronics Corp EM84530 Datasheet HTML 12Page - ELAN Microelectronics Corp EM84530 Datasheet HTML 13Page - ELAN Microelectronics Corp EM84530 Datasheet HTML 14Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
EM84530
2-IN-ONE MOUSE CONTROLLER
10
* This specification are subject to be changed without notice.
6.28.1999
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
PS/2 mouse mode : (T
A=25°C to 70°C)
Parameters
Sym.
Min.
Typ.
Max.
Unit
Operating voltage
VDD
4.5
-
5.5
V
Operating current
(no load)
I
Op
--
1
mA
CLK, DATA
Vt+
3.2
-
3.8
V
postive-going threshold voltage
CLK, DATA
Vt -
1.2
-
1.9
V
negative-going threshold voltage
DATA, CLK input current
(Vin=0V )
Idc
0.56
-
1.86
mA
DATA,CLK low output voltage
(Iprl=-2mA)
Vprl
-
-
0.4
V
DC ELECTRICAL CHARACTERISTICS (T
A=25°C to 70°C)
Parameters
Sym.
Min.
Typ.
Max.
Unit
X1,X2,Y1,Y2 low input reference current
I
PL
70
-
-
µA
X1,X2,Y1,Y2 high input reference current
IPh
-
-
106
µA
X1,X2,Y1,Y2 input current
(80
µA)
V
PI1
0.8
-
1.2
V
X1,X2,Y1,Y2 input current
(500
µA)
V
PI2
1.5
-
2.1
V
L,M,R,OPT input low voltage
Vail
-
-
1.5
V
L,M,R,OPT input high voltage
Vaih
3.5
-
-
V
L,M,R input current
(Vin=5V)
Rmi
18
-
56
µA
OPT input current
Ixi
-18
-
-56
µA
OPT high output current
(Iopt=20mA)
Vopt
4.5
-
-
V
L,M,R,X1,X2,Y1,Y2 input leakage current
Iil
0
-
-1.0
µA
(Vin=0V)
OPT input leakage current
(Vin=5V)
Iih
0
-
1.0
µA
OSC.OUT
Iosc
3
-
3.6
mA
Sink current
ABSOLUTE MAXIMUM RATINGS
Parameter
Ratings
Unit
Min.
Max.
Temperature under bias
0
70
°C
Storage temperature range
-65
150
°C
Supply voltage
-0.3
7.5
V
Power dissipation
-
500
mW
Serial mouse mode : (T
A=25°C to 70°C)
Parameters
Sym.
Min.
Typ.
Max.
Unit
Operating voltage
VDD
4
5.6
6.2
V
VRTS
-
12.2
13
V
Operating current
(VDD=5.4V, RTS=VDD)
IOP1
-
-
1
mA
Operating current
(VDD=6.2V, RTS=VDD)
IOP2
3
-
-
mA
RTS operating current
(VDD=5.6V, RTS=11V)
Irts1
-
-
1.8
mA
RTS operating current
(VDD=5.4V, RTS=12.5V)
Irts2
4
-
-
mA
RXD high output voltage
(Vrh=Vrts-2.6V)
Irh
2
-
-
mA
RXD low output voltage
(Vrl=Vss+2.6V)
Irl
-
-
-2
mA
RTS high input voltage
Vrts+
9.6
-
-
V
RTS low input voltage
Vrts-
-
-
6.8
V
* All parameters in above table are compared with VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com