Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM84530 Datasheet(PDF) 1 Page - ELAN Microelectronics Corp

Part # EM84530
Description  2-IN-ONE MOUSE CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM84530 Datasheet(HTML) 1 Page - ELAN Microelectronics Corp

  EM84530 Datasheet HTML 1Page - ELAN Microelectronics Corp EM84530 Datasheet HTML 2Page - ELAN Microelectronics Corp EM84530 Datasheet HTML 3Page - ELAN Microelectronics Corp EM84530 Datasheet HTML 4Page - ELAN Microelectronics Corp EM84530 Datasheet HTML 5Page - ELAN Microelectronics Corp EM84530 Datasheet HTML 6Page - ELAN Microelectronics Corp EM84530 Datasheet HTML 7Page - ELAN Microelectronics Corp EM84530 Datasheet HTML 8Page - ELAN Microelectronics Corp EM84530 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
EM84530
2-IN-ONE MOUSE CONTROLLER
1
* This specification are subject to be changed without notice.
6.28.1999
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
GENERAL DESCRIPTION
The EM84530 Mouse Controller is specially designed to control serial mouse or PS/2 mouse device.
This single chip can interface three key-switches and 4 X-Y photo-couples directly to RS-232C or 8042
controller.
FEATURES
• Include PnP software scrolling function
• Using 50k
Ω ±1% resistor for RC oscillation.
• Compatible with legacy PS/2 mouse.
• Compatible with Microsoft serial mouse.
• Compatible with Microsoft PS/2 mouse.
• Serial or PS/2 port auto-detect.
• 100 bytes PnP ID code could be filled by code layer.
• Built-in noise immunity circuit.
• The sampiling rate of motion detector is up to 65KHz.
• Built-in three zener diodes : one in VDD to VSS, two in RTS to VDD.
• CMOS push-pull RXD output.
• Built-in current comparator for photo-couples input.
• Built-in three step dynamic input impedance.
• Three key-switches and four photo-couples inputs.
• RTS debouncing circuit included.
• Photo couple test mode included.
• Low power dissipation.
APPLICATION
• Serial PnP mouse.
• PS/2 mouse.
• Combo mouse.
PIN ASSIGNMENT
VDD
OSC.OUT
NC
NC
CLK/RTS
DATA/RXD
OPT
VSS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
OSCR
Y2
Y1
X2
X1
L
M
R
EM84530


Similar Part No. - EM84530

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM84502 EMC-EM84502 Datasheet
85Kb / 12P
PS/2 MOUSE ENCODER
EM84502AM EMC-EM84502AM Datasheet
85Kb / 12P
PS/2 MOUSE ENCODER
EM84502AP EMC-EM84502AP Datasheet
85Kb / 12P
PS/2 MOUSE ENCODER
EM84502BM EMC-EM84502BM Datasheet
85Kb / 12P
PS/2 MOUSE ENCODER
EM84502BP EMC-EM84502BP Datasheet
85Kb / 12P
PS/2 MOUSE ENCODER
More results

Similar Description - EM84530

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9206 ROHM-BU9206 Datasheet
62Kb / 6P
PS / 2 Mouse Controller
logo
ELAN Microelectronics C...
EM83702 EMC-EM83702 Datasheet
81Kb / 11P
ALL IN ONE MOUSE CONTROLLER
EM83807 EMC-EM83807 Datasheet
52Kb / 7P
ALL-IN-ONE PLUG & PLAY 3-BUTTON SERIAL MOUSE CONTROLLER
EM84510 EMC-EM84510 Datasheet
108Kb / 19P
PS/2 SCROLLING MOUSE CONTROLLER
EM84520 EMC-EM84520 Datasheet
120Kb / 19P
2-IN-ONE SCROLLING MOUSE CONTROLLER
logo
Holtek Semiconductor In...
HT6523 HOLTEK-HT6523 Datasheet
125Kb / 9P
PS/2 Mouse Controller
March 6, 2003
logo
List of Unclassifed Man...
SC84520 ETC-SC84520 Datasheet
185Kb / 19P
TWO IN ONE SCROLLING MOUSE CONTROLLER
SC83702 ETC-SC83702 Datasheet
137Kb / 10P
ALL IN ONE MOUSE CONTROLLER
logo
Silan Microelectronics ...
SC84502AP SILAN-SC84502AP Datasheet
143Kb / 14P
PS/2 MOUSE CONTROLLER
logo
Zilog, Inc.
Z86319 ZILOG-Z86319 Datasheet
278Kb / 23P
PS/2 MOUSE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com