Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMD030F Datasheet(PDF) 7 Page - Tyco Electronics

Part # ASMD030F
Description  PolySwitch Resettable Devices
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ASMD030F Datasheet(HTML) 7 Page - Tyco Electronics

Back Button ASMD030F Datasheet HTML 3Page - Tyco Electronics ASMD030F Datasheet HTML 4Page - Tyco Electronics ASMD030F Datasheet HTML 5Page - Tyco Electronics ASMD030F Datasheet HTML 6Page - Tyco Electronics ASMD030F Datasheet HTML 7Page - Tyco Electronics ASMD030F Datasheet HTML 8Page - Tyco Electronics ASMD030F Datasheet HTML 9Page - Tyco Electronics ASMD030F Datasheet HTML 10Page - Tyco Electronics ASMD030F Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
179
RoHS Compliant, ELV Compliant
12
AHEF (High Temperature)
32V — Radial-leaded
AHEF050
0.5
0.5
1.0
32
100
0.9
2.5
3.0
0.3500
1.100
1.100
A8, A9, A10
AHEF070
0.7
0.7
1.4
32
100
0.9
3.5
3.2
0.2300
0.800
0.800
A8, A9, A11
AHEF100
1.0
1.0
1.9
32
100
1.4
5.0
6.2
0.1500
0.430
0.430
A8, A9, A10
AHEF300
3.0
3.0
6.0
32
100
3.2
15.0
5.0
0.0350
0.110
0.110
A8, A9, A12
AHEF500
5.0
5.0
10.0
32
100
5.3
25.0
9.0
0.0150
0.040
0.040
A8, A9, A12
AHEF750
7.5
7.5
15.0
32
100
6.5
37.5
13.0
0.0074
0.023
0.023
A8, A9, A12
AHEF1000
10.0
10.0
20.0
32
100
7.0
50.0
15.0
0.0060
0.016
0.016
A8, A9, A12
AHS (High Temperature)
16V — Surface-mount
AHS080-2018
0.80
0.80
2.00
16
70
1.5
8.0
9.0
0.130
0.550
0.550
A6
AHS160
1.60
1.60
3.20
16
70
2.2
8.0
15.0
0.050
0.150
0.150
A7
AHS200
2.00
2.00
4.00
16
70
2.3
8.0
13.4
0.050
0.140
0.140
A7
AHS300
3.00
3.00
6.00
16
70
3.0
15.0
8.0
0.024
0.083
0.083
A7
ASMD
16-60V — Surface-mount
ASMD030F
0.23
0.23
0.59
60
10
1.1
1.15
12.0
0.980
4.800
4.800
A7
ASMD050F
0.37
0.37
0.98
60
10
1.7
1.95
20.0
0.290
1.400
1.400
A7
ASMD075F
0.60
0.60
1.48
30
40
1.1
3.00
20.0
0.290
1.000
1.000
A7
ASMD100F
0.90
0.90
2.16
30
40
1.1
4.50
20.0
0.098
0.480
0.480
A7
ASMD125F
1.04
1.04
2.46
16
40
1.1
5.20
20.0
0.057
0.250
0.250
A7
ASMD150F
1.27
1.27
2.95
16
40
1.2
6.35
25.0
0.049
0.250
0.250
A7
ASMD185F
1.85
1.85
3.70
16
40
1.5
9.25
11.3
0.032
0.126
0.126
A7
ASMD200F
1.73
1.73
3.93
16
40
1.2
8.65
30.0
0.050
0.120
0.120
A7
ASMD250F
1.97
1.97
5.00
16
40
1.2
9.85
30.0
0.035
0.085
0.085
A7
nanoASMDC
16-48V — Surface-mount
nanoASMDC012F
0.12
0.12
0.39
48
10
0.5
1.0
0.2
1.400
6.500
6.500
A15
nanoASMDC016F
0.16
0.16
0.45
48
10
0.5
1.0
0.3
1.100
5.000
5.000
A15
nanoASMDC020F
0.20
0.20
0.42
24
100
0.6
8.0
0.1
0.650
3.100
3.100
A15
nanoASMDC035F
0.35
0.75
0.75
16
20
0.6
3.5
0.1
0.450
1.350
1.350
A15
microASMD
30V — Surface-mount
microASMD005F
0.05
0.05
0.15
30
10
1.0
0.25
1.5
3.60
50.000
50.000
A15
microASMD010F
0.10
0.10
0.25
30
10
0.8
0.5
1.0
2.10
15.000
15.000
A15
miniASMDC
16-60V — Surface-mount
miniASMDC010F
0.10
0.10
0.30
60
40
0.75
0.5
5.000
0.700
12.700
12.700
A15
miniASMDC014F
0.14
0.14
0.28
60
10
0.75
8.0
0.008
1.500
6.000
6.000
A15
miniASMDC020F
0.20
0.20
0.40
30
10
0.8
8.0
0.020
0.600
3.300
3.300
A15
miniASMDC030F
0.30
0.30
0.60
30
40
0.8
8.0
0.100
0.200
1.750
1.750
A15
miniASMDC050F
0.50
0.50
1.00
24
100
0.8
8.0
0.150
0.150
1.000
1.000
A15
miniASMDC075F/24
0.75
0.75
1.50
24
40
0.8
8.0
0.300
0.090
0.290
0.290
A15
miniASMDC110F/16
1.10
1.10
2.20
16
100
0.8
8.0
0.300
0.060
0.180
0.180
A15
miniASMDC110F/24
1.10
1.10
2.20
24
20
0.8
8.0
0.500
0.060
0.180
0.180
A15
miniASMDC125F/16
1.25
1.25
2.50
16
100
0.8
8.0
0.400
0.050
0.140
0.140
A15
miniASMDC150F/16
1.50
1.50
2.80
16
100
0.8
8.0
0.500
0.040
0.110
0.110
A15
miniASMDC150F/24
1.50
1.50
3.00
24
20
1.0
8.0
1.500
0.040
0.120
0.120
A15
miniASMDC260F/16
2.60
2.60
5.00
16
100
1.2
8.0
5.000
0.015
0.050
0.050
A15
Part
Number
IH(A)@
R1MAX
IH(A)@
RaMAX
IT
(A)
VMAX
(VDC)
IMAX
(A)
PDTyp
(W)
RMIN
(
Ω)
RaMAX
(
Ω)
Figure for
Dimensions
R1MAX
(
Ω)
Max. Time-to-trip
(A)
(s)
Table A3 Electrical Characteristics for Automotive Devices
Cont’d
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com