Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMD030F Datasheet(PDF) 6 Page - Tyco Electronics

Part # ASMD030F
Description  PolySwitch Resettable Devices
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ASMD030F Datasheet(HTML) 6 Page - Tyco Electronics

Back Button ASMD030F Datasheet HTML 2Page - Tyco Electronics ASMD030F Datasheet HTML 3Page - Tyco Electronics ASMD030F Datasheet HTML 4Page - Tyco Electronics ASMD030F Datasheet HTML 5Page - Tyco Electronics ASMD030F Datasheet HTML 6Page - Tyco Electronics ASMD030F Datasheet HTML 7Page - Tyco Electronics ASMD030F Datasheet HTML 8Page - Tyco Electronics ASMD030F Datasheet HTML 9Page - Tyco Electronics ASMD030F Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
178
RoHS Compliant, ELV Compliant
12
Ambient Temperature (˚C)
200
180
160
140
120
100
80
60
40
20
0
-40
-20
-10
-30
0
20
30
10
40
50
60
70
80
90
100
110
120
Figure A4
BD
Figure A1-A4 Thermal Derating Curves for Automotive Devices
Cont’d
AGRF
16V — Radial-leaded
AGRF400
4.0
3.0
7.6
16
100
2.5
20.0
2.0
0.0186
0.0610
0.0850
A5, A8, A9
AGRF500
5.0
4.3
9.4
16
100
2.7
25.0
2.5
0.0140
0.0340
0.0480
A5, A8, A9
AGRF600
6.0
5.3
10.7
16
100
2.8
30.0
3.5
0.0095
0.0280
0.0320
A5, A8, A9
AGRF700
7.0
6.5
13.2
16
100
3.0
35.0
4.0
0.0066
0.0200
0.0220
A5, A8, A9
AGRF800
8.0
7.6
15.0
16
100
3.2
40.0
5.5
0.0049
0.0175
0.0181
A5, A8, A9
AGRF900
9.0
8.6
16.5
16
100
3.4
45.0
6.0
0.0041
0.0135
0.0140
A5, A8, A9
AGRF1000
10.0
9.6
18.5
16
100
3.6
50.0
7.0
0.0034
0.0102
0.0106
A5, A8, A9
AGRF1100
11.0
10.5
20.3
16
100
3.7
55.0
7.5
0.0033
0.0089
0.0093
A5, A8, A9
AGRF1200
12.0
11.5
22.1
16
100
4.2
60.0
8.0
0.0030
0.0086
0.0091
A5, A8, A9
AGRF1400
14.0
13.0
27.3
16
100
4.6
70.0
9.0
0.0022
0.0064
0.0067
A5, A8, A9
AHRF (High Temperature)
30V — Radial-leaded
AHRF050
0.5
0.5
1.0
30
40
0.9
2.5
3.0
0.3500
1.100
1.100
A8, A9, A10
AHRF070
0.7
0.7
1.4
30
40
1.4
3.5
3.2
0.2300
0.800
0.800
A5, A8, A9
AHRF100
1.0
1.0
1.9
30
40
1.4
5.0
6.2
0.1500
0.430
0.430
A8, A9, A10
AHRF (High Temperature)
16V — Radial-leaded
AHRF200
2.0
2.0
3.8
16
100
1.4
10.0
4.8
0.0390
0.110
0.110
A8, A9, A10
AHRF300
3.0
3.0
6.5
16
100
3.0
15.0
5.0
0.0290
0.079
0.079
A5, A8, A9
AHRF400
4.0
4.0
7.4
16
100
3.3
20.0
5.0
0.0210
0.060
0.060
A5, A8, A9
AHRF450
4.5
4.5
8.7
16
100
3.6
22.5
4.0
0.0170
0.054
0.054
A5, A8, A9
AHRF550
5.5
5.5
10.0
16
100
3.5
27.5
6.0
0.0130
0.037
0.037
A5, A8, A9
AHRF600
6.0
6.0
12.0
16
100
4.1
30.0
6.5
0.0100
0.032
0.032
A5, A8, A9
AHRF650
6.5
6.5
13.7
16
100
4.3
32.5
7.0
0.0090
0.026
0.026
A5, A8, A9
AHRF700
7.0
7.0
13.1
16
100
4.0
35.0
7.0
0.0087
0.025
0.025
A5, A8, A9
AHRF750
7.5
7.5
14.8
16
100
4.5
37.5
8.0
0.0074
0.022
0.022
A5, A8, A9
AHRF800
8.0
8.0
15.0
16
100
4.2
40.0
8.0
0.0072
0.020
0.020
A5, A8, A9
AHRF900
9.0
9.0
18.5
16
100
5.0
45.0
11.5
0.0061
0.017
0.017
A5, A8, A9
AHRF1000
10.0
10.0
20.5
16
100
5.3
50.0
10.5
0.0051
0.015
0.015
A5, A8, A9
AHRF1100
11.0
11.0
21.2
16
100
5.5
55.0
11.0
0.0048
0.013
0.013
A5, A8, A9
AHRF1300
13.0
13.0
27.0
16
100
6.9
65.0
15.0
0.0034
0.010
0.010
A5, A8, A9
AHRF1400
14.0
14.0
28.3
16
100
6.9
70.0
15.5
0.0029
0.009
0.009
A5, A8, A9
AHRF1500
15.0
15.0
33.0
16
100
7.0
75.0
20.0
0.0027
0.0092
0.0092
A5, A8, A9
Part
Number
IH(A)@
R1MAX
IH(A)@
RaMAX
IT
(A)
VMAX
(VDC)
IMAX
(A)
PDTyp
(W)
RMIN
(
Ω)
RaMAX
(
Ω)
Figure for
Dimensions
R1MAX
(
Ω)
Max. Time-to-trip
(A)
(s)
Table A3 Electrical Characteristics for Automotive Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com