Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMD030F Datasheet(PDF) 3 Page - Tyco Electronics

Part # ASMD030F
Description  PolySwitch Resettable Devices
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ASMD030F Datasheet(HTML) 3 Page - Tyco Electronics

  ASMD030F Datasheet HTML 1Page - Tyco Electronics ASMD030F Datasheet HTML 2Page - Tyco Electronics ASMD030F Datasheet HTML 3Page - Tyco Electronics ASMD030F Datasheet HTML 4Page - Tyco Electronics ASMD030F Datasheet HTML 5Page - Tyco Electronics ASMD030F Datasheet HTML 6Page - Tyco Electronics ASMD030F Datasheet HTML 7Page - Tyco Electronics ASMD030F Datasheet HTML 8Page - Tyco Electronics ASMD030F Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
175
RoHS Compliant, ELV Compliant
12
Maximum Ambient Temperature
Part Number
-40°C
-20°C
0°C
20°C
25°C
40°C
50°C
60°C
70°C
85°C
125°C
AGRF
16V — Radial-leaded
AGRF400
5.9
5.3
4.8
4.1
4.0
3.5
3.2
2.8
2.5
1.9
AGRF500
7.3
6.6
6.0
5.2
5.0
4.4
4.0
3.6
3.1
2.4
AGRF600
8.8
8.0
7.2
6.2
6.0
5.2
4.8
4.2
3.8
2.8
AGRF700
10.3
9.3
8.4
7.3
7.0
6.2
5.6
5.0
4.4
3.3
AGRF800
11.7
10.7
9.6
8.3
8.0
6.9
6.4
5.6
5.1
3.7
AGRF900
13.2
11.9
10.7
9.4
9.0
7.9
7.2
6.4
5.6
4.2
AGRF1000
14.7
13.3
12.0
10.3
10.0
8.7
8.0
7.0
6.3
4.7
AGRF1100
16.1
14.6
13.1
11.5
11.0
9.7
8.8
7.8
6.9
5.2
AGRF1200
17.6
16.0
14.4
12.4
12.0
10.4
9.6
8.4
7.6
5.6
AGRF1400
20.5
18.7
16.8
14.5
14.0
12.1
11.2
9.8
8.9
6.5
AHRF (High Temperature)
30V — Radial-leaded
AHRF050
0.7
0.6
0.6
0.5
0.5
0.4
0.4
0.4
0.3
0.3
0.1
AHRF070
1.0
0.9
0.8
0.7
0.7
0.6
0.6
0.5
0.5
0.4
0.2
AHRF100
1.4
1.2
1.1
1.0
1.0
0.9
0.8
0.7
0.7
0.6
0.2
AHRF (High Temperature)
16V — Radial-leaded
AHRF200
2.7
2.5
2.3
2.1
2.00
1.8
1.6
1.5
1.3
1.1
0.5
AHRF300
4.1
3.7
3.4
3.1
3.00
2.7
2.4
2.2
2.0
1.7
0.7
AHRF400
5.6
5.1
4.7
4.2
4.00
3.6
3.3
3.0
2.7
2.3
1.0
AHRF450
6.1
5.6
5.1
4.6
4.50
4.0
3.6
3.3
3.0
2.5
1.1
AHRF550
7.5
6.9
6.2
5.7
5.50
4.9
4.4
4.0
3.7
3.1
1.4
AHRF600
8.2
7.5
6.8
6.2
6.00
5.3
4.9
4.4
4.0
3.3
1.5
AHRF650
8.8
8.1
7.4
6.7
6.50
5.7
5.3
4.8
4.3
3.6
1.6
AHRF700
9.5
8.7
8.0
7.2
7.00
6.2
5.6
5.2
4.7
3.9
1.7
AHRF750
10.2
9.4
8.6
7.7
7.50
6.6
6.1
5.6
5.0
4.1
1.9
AHRF800
10.9
10.0
9.1
8.2
8.00
7.1
6.4
5.9
5.3
4.4
2.0
AHRF900
12.2
11.2
10.2
9.3
9.00
8.0
7.2
6.6
6.0
5.0
2.2
AHRF1000
13.6
12.5
11.4
10.3
10.00
8.8
8.1
7.4
6.6
5.5
2.5
AHRF1100
14.9
13.7
12.5
11.3
11.00
9.7
8.8
8.1
7.3
6.1
2.7
AHRF1300
17.7
16.3
14.8
13.4
13.00
11.4
10.5
9.6
8.6
7.2
3.3
AHRF1400
19.0
17.5
15.9
14.4
14.00
12.4
11.2
10.3
9.3
7.8
3.5
AHRF1500
20.4
18.8
17.1
15.5
15.00
13.2
12.1
11.1
9.9
8.3
3.8
AHEF (High Temperature)
32V — Radial-leaded
AHEF050
0.7
0.6
0.60
0.5
0.5
0.4
0.400
0.40
0.30
0.300
0.1
AHEF070
1.0
0.9
0.80
0.7
0.7
0.6
0.600
0.50
0.50
0.400
0.2
AHEF100
1.4
1.2
1.10
1.0
1.0
0.9
0.800
0.70
0.70
0.600
0.2
AHEF300
4.1
3.8
3.42
3.1
3.0
2.7
2.430
2.22
1.98
1.650
0.6
AHEF500
6.8
6.3
5.70
5.2
5.0
4.5
4.050
3.70
3.30
2.750
1.0
AHEF750
10.2
9.4
8.55
7.7
7.5
6.7
6.075
5.55
4.95
4.125
1.5
AHEF1000
13.6
12.5
11.40
10.3
10.0
8.9
8.100
7.40
6.60
5.500
2.0
AHS (High Temperature)
16V — Surface-mount
AHS080-2018
1.20
1.04
0.90
0.80
0.77
0.68
0.62
0.60
0.53
0.46
0.26
AHS160
2.15
1.96
1.78
1.60
1.55
1.42
1.33
1.24
1.15
1.01
0.64
AHS200
2.90
2.50
2.20
2.00
1.94
1.80
1.75
1.70
1.40
1.18
0.67
AHS300
4.20
3.80
3.70
3.00
2.92
2.63
2.44
2.10
2.00
1.76
1.00
Table A2
Thermal Derating for Automotive Devices
[Hold Current (A) at Ambient Temperature (°C)]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com