Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMD030F Datasheet(PDF) 25 Page - Tyco Electronics

Part # ASMD030F
Description  PolySwitch Resettable Devices
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ASMD030F Datasheet(HTML) 25 Page - Tyco Electronics

Back Button ASMD030F Datasheet HTML 18Page - Tyco Electronics ASMD030F Datasheet HTML 19Page - Tyco Electronics ASMD030F Datasheet HTML 20Page - Tyco Electronics ASMD030F Datasheet HTML 21Page - Tyco Electronics ASMD030F Datasheet HTML 22Page - Tyco Electronics ASMD030F Datasheet HTML 23Page - Tyco Electronics ASMD030F Datasheet HTML 24Page - Tyco Electronics ASMD030F Datasheet HTML 25Page - Tyco Electronics ASMD030F Datasheet HTML 26Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
197
RoHS Compliant, ELV Compliant
12
Warning :
Part Numbering System for Automotive Devices
AGRF 800 -2
Packaging option
(Blank) = Bulk
2
= Tape and reel packaging
AP
= Ammo pack
Hold Current Indicator
Product Series
An “F” at the end of the series
indicates Pb-free version of product
AHS 080 -2
Packaging
2 = Tape and reel
Hold Current Indicator
Product Series
BD280 -1130 -10/16
Rating Current / Maximum Operating Voltage
10 = Rating current (hold current of BD device is 70%~80% of rating current)
16 = Max operating voltage is 16V (nominal operating voltage of BD device is 14V)
Typical Cap’s Size
Product Series
• Users should independently evaluate the suitability of and test each product selected for their own application.
• Operation beyond the maximum ratings or improper use may result in device damage and possible electrical arcing and flame.
• These devices are intended for protection against damage caused by occasional overcurrent or overtemperature fault conditions and should
not be used when repeated fault conditions or prolonged trip events are anticipated.
• Contamination of the PPTC material with certain silicone-based oils or some aggressive solvents can adversely impact the performance of the devices.
• Device performance can be impacted negatively if devices are handled in a manner inconsistent with recommended electronic, thermal, and
mechanical procedures for electronic components.
• PPTC devices are not recommended for installation in applications where the device is constrained such that its PTC properties are inhibited,
for example in rigid potting materials or in rigid housings, which lack adequate clearance to accommodate device expansion.
• Operation in circuits with a large inductance can generate a circuit voltage (Ldi/dt) above the rated voltage of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com