Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO11PDB0V0 Datasheet(PDF) 123 Page - Microsemi Corporation

Part # IO11PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO11PDB0V0 Datasheet(HTML) 123 Page - Microsemi Corporation

Back Button IO11PDB0V0 Datasheet HTML 119Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 120Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 121Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 122Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 123Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 124Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 125Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 126Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 127Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
5 - 9
NCAP
1
Negative capacitor connection.
This is the negative terminal of the charge pump. A capacitor, with a
2.2 µF recommended value, is required to connect between PCAP and
NCAP. Analog charge pump capacitors are not needed if none of the
analog SCB features are used and none of the SDDs are used. In that
case it should be left unconnected.
PCAP
1
Positive Capacitor connection.
This is the positive terminal of the charge pump. A capacitor, with a 2.2
µF recommended value, is required to connect between PCAP and
NCAP. If this pin is not used, it must be left unconnected/floating. In this
case, no capacitor is needed. Analog charge pump capacitors are not
needed if none of the analog SCB features are used, and none of the
SDDs are used.
PTBASE
1
Pass transistor base connection
This is the control signal of the voltage regulator. This pin should be
connected to the base of an external pass transistor used with the
1.5 V internal voltage regulator and can be floating if not used.
PTEM
1
Pass transistor emitter connection.
This is the feedback input of the voltage regulator.
This pin should be connected to the emitter of an external pass
transistor used with the 1.5 V internal voltage regulator and can be
floating if not used.
MSS_RESET_N
Low
Low Reset signal which can be used as an external reset and can also
be used as a system level reset under control of the Cortex-M3
processor. MSS_RESET_N is an output asserted low after power-on
reset. The direction of MSS_RESET_N changes during the execution
of the Microsemi System Boot when chip-level reset is enabled. The
Microsemi System Boot reconfigures MSS_RESET_N to become a
reset input signal when chip-level reset is enabled. It has an internal
pull-up so it can be left floating. In the current software, the
MSS_RESET_N is modeled as an external input signal only.
PU_N
In
Low
Push-button is the connection for the external momentary switch used
to turn on the 1.5 V voltage regulator and can be floating if not used.
Name
Type
Polarity/Bus Size
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com