Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO11PDB0V0 Datasheet(PDF) 124 Page - Microsemi Corporation

Part # IO11PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO11PDB0V0 Datasheet(HTML) 124 Page - Microsemi Corporation

Back Button IO11PDB0V0 Datasheet HTML 120Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 121Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 122Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 123Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 124Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 125Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 126Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 127Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 128Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 197 page
background image
Pin Descriptions
5- 10
R e v i sio n 1 2
JTAG Pins
SmartFusion cSoCs have a separate bank for the dedicated JTAG pins. The JTAG pins can be run at any
voltage from 1.5 V to 3.3 V (nominal). VCC must also be powered for the JTAG state machine to operate,
even if the device is in bypass mode; VJTAG alone is insufficient. Both VJTAG and VCC to the
SmartFusion cSoC part must be supplied to allow JTAG signals to transition the SmartFusion cSoC.
Isolating the JTAG power supply in a separate I/O bank gives greater flexibility with supply selection and
simplifies power supply and PCB design. If the JTAG interface is neither used nor planned to be used,
the VJTAG pin together with the TRSTB pin could be tied to GND.
Name
Type
Polarity/
Bus Size
Description
JTAGSEL
In
1
JTAG controller selection
Depending on the state of the JTAGSEL pin, an external JTAG controller will either
see the FPGA fabric TAP/auxiliary TAP (High) or the Cortex-M3 JTAG debug
interface (Low).
The JTAGSEL pin should be connected to an external pull-up resistor such that the
default configuration selects the FPGA fabric TAP.
TCK
In
1
Test clock
Serial input for JTAG boundary scan, ISP, and UJTAG. The TCK pin does not have an
internal pull-up/-down resistor. If JTAG is not used, it is recommended to tie off TCK
to GND or VJTAG through a resistor placed close to the FPGA pin. This prevents
JTAG operation in case TMS enters an undesired state.
Note that to operate at all VJTAG voltages, 500 Ω to 1 kΩ will satisfy the requirements.
Refer to Table 5-1 on page 5-11 for more information.
Can be left floating when unused.
TDI
In
1
Test data
Serial input for JTAG boundary scan, ISP, and UJTAG usage. There is an internal
weak pull-up resistor on the TDI pin.
TDO
Out
1
Test data
Serial output for JTAG boundary scan, ISP, and UJTAG usage.
TMS
In
HIGH
Test mode select
The TMS pin controls the use of the IEEE1532 boundary scan pins (TCK, TDI, TDO,
TRST). There is an internal weak pull-up resistor on the TMS pin.
Can be left floating when unused.
TRSTB
In
HIGH
Boundary scan reset pin
The TRST pin functions as an active low input to asynchronously initialize (or reset)
the boundary scan circuitry. There is an internal weak pull-up resistor on the TRST
pin. If JTAG is not used, an external pull-down resistor could be included to ensure
the TAP is held in reset mode. The resistor values must be chosen from Table 5-1 on
page 5-11 and must satisfy the parallel resistance value requirement. The values in
Table 5-1 on page 5-11 correspond to the resistor recommended when a single
device is used. The values correspond to the equivalent parallel resistor when
multiple devices are connected via a JTAG chain.
In critical applications, an upset in the JTAG circuit could allow entering an undesired
JTAG state. In such cases, it is recommended that you tie off TRST to GND through a
resistor placed close to the FPGA pin.
The TRSTB pin also resets the serial wire JTAG – debug port (SWJ-DP) circuitry
within the Cortex-M3.
Can be left floating when unused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com