Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO10PDB0V0 Datasheet(PDF) 62 Page - Microsemi Corporation

Part # IO10PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO10PDB0V0 Datasheet(HTML) 62 Page - Microsemi Corporation

Back Button IO10PDB0V0 Datasheet HTML 58Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 59Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 60Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 61Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 62Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 63Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 64Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 65Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 66Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 197 page
background image
SmartFusion DC and Switching Characteristics
2- 50
R e v i sio n 1 2
Output Enable Register
Timing Characteristics
Figure 2-18 • Output Enable Register Timing Diagram
50%
Preset
Clear
EOUT
CLK
D_Enable
Enable
tOESUE
50%
50%
tOESUDtOEHD
50%
50%
tOECLKQ
1
0
tOEHE
tOERECPRE
tOEREMPRE
tOERECCLR
tOEREMCLR
tOEWCLR
tOEWPRE
tOEPRE2Q
tOECLR2Q
tOECKMPWH tOECKMPWL
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
Table 2-73 • Output Enable Register Propagation Delays
Worst Commercial-Case Conditions: TJ = 85°C, Worst-Case VCC = 1.425 V
Parameter
Description
–1
Std.
Units
tOECLKQ
Clock-to-Q of the Output Enable Register
0.45
0.54
ns
tOESUD
Data Setup Time for the Output Enable Register
0.32
0.38
ns
tOEHD
Data Hold Time for the Output Enable Register
0.00
0.00
ns
tOESUE
Enable Setup Time for the Output Enable Register
0.44
0.53
ns
tOEHE
Enable Hold Time for the Output Enable Register
0.00
0.00
ns
tOECLR2Q
Asynchronous Clear-to-Q of the Output Enable Register
0.68
0.81
ns
tOEPRE2Q
Asynchronous Preset-to-Q of the Output Enable Register
0.68
0.81
ns
tOEREMCLR
Asynchronous Clear Removal Time for the Output Enable Register
0.00
0.00
ns
tOERECCLR
Asynchronous Clear Recovery Time for the Output Enable Register
0.23
0.27
ns
tOEREMPRE
Asynchronous Preset Removal Time for the Output Enable Register
0.00
0.00
ns
tOERECPRE
Asynchronous Preset Recovery Time for the Output Enable Register
0.23
0.27
ns
tOEWCLR
Asynchronous Clear Minimum Pulse Width for the Output Enable Register
0.22
0.22
ns
tOEWPRE
Asynchronous Preset Minimum Pulse Width for the Output Enable Register
0.22
0.22
ns
tOECKMPWH
Clock Minimum Pulse Width High for the Output Enable Register
0.36
0.36
ns
tOECKMPWL
Clock Minimum Pulse Width Low for the Output Enable Register
0.32
0.32
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-9 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com