Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO10PDB0V0 Datasheet(PDF) 74 Page - Microsemi Corporation

Part # IO10PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO10PDB0V0 Datasheet(HTML) 74 Page - Microsemi Corporation

Back Button IO10PDB0V0 Datasheet HTML 70Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 71Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 72Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 73Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 74Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 75Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 76Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 77Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 78Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 197 page
background image
SmartFusion DC and Switching Characteristics
2- 62
R e v i sio n 1 2
Main and Lower Power Crystal Oscillator
The tables below describes the electrical characteristics of the main and low power crystal oscillator.
Table 2-84 • Electrical Characteristics of the Main Crystal Oscillator
Parameter
Description
Condition
Min.
Typ.
Max.
Units
Operating frequency
Using external crystal
0.032
20
MHz
Using ceramic resonator
0.5
8
MHz
Using RC Network
0.032
4
MHz
Output duty cycle
50
%
Output jitter
With 10 MHz crystal
1
ns RMS
IDYNXTAL
Operating current
RC
0.6
mA
0.032–0.2
0.6
mA
0.2–2.0
0.6
mA
2.0–20.0
0.6
mA
ISTBXTAL
Standby current of crystal oscillator
10
µA
PSRRXTAL Power supply noise tolerance
0.5
Vp-p
VIHXTAL
Input logic level High
90%
of
VCC
V
VILXTAL
Input logic level Low
10%
of
VCC
V
Startup time
RC [Tested at 3.24Mhz]
300
550
µs
0.032–0.2 [Tested at 32KHz]
500
3,000
µs
0.2–2.0 [Tested at 2MHz]
8
12
µs
2.0–20.0 [Tested at 20MHz]
160
180
µs
Table 2-85 • Electrical Characteristics of the Low Power Oscillator
Parameter
Description
Condition
Min.
Typ.
Max.
Units
Operating frequency
32
KHz
Output duty cycle
50
%
Output jitter
30
ns RMS
IDYNXTAL Operating current
32 KHz
10
µA
ISTBXTAL Standby current of crystal oscillator
2
µA
PSRRXTAL Power supply noise tolerance
0.5
Vp-p
VIHXTAL
Input logic level High
90% of VCC
V
VILXTAL
Input logic level Low
10% of VCC
V
Startup time
Test load used: 20 pF
2.5
s
Test load used: 30 pF
3.7
13
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com