Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO10PDB0V0 Datasheet(PDF) 88 Page - Microsemi Corporation

Part # IO10PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO10PDB0V0 Datasheet(HTML) 88 Page - Microsemi Corporation

Back Button IO10PDB0V0 Datasheet HTML 84Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 85Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 86Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 87Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 88Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 89Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 90Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 91Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 92Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 197 page
background image
SmartFusion DC and Switching Characteristics
2- 76
R e v i sio n 1 2
Embedded FlashROM (eFROM)
Electrical Characteristics
Table 2-91 describes the eFROM maximum performance
JTAG 1532 Characteristics
JTAG timing delays do not include JTAG I/Os. To obtain complete JTAG timing, add I/O buffer delays to
the corresponding standard selected; refer to the I/O timing characteristics in the "User I/O
Characteristics" section on page 2-19 for more details.
Timing Characteristics
Table 2-91 • FlashROM Access Time, Worse Commercial Case Conditions: TJ = 85°C, VCC = 1.425 V
Parameter
Description
–1
Std.
Units
tCK2Q
Clock to out per configuration*
28.68
32.98
ns
Fmax
Maximum Clock frequency
15.00
15.00
MHz
Table 2-92 • JTAG 1532
Worst Commercial-Case Conditions: TJ = 85°C, Worst-Case VCC = 1.425 V
Parameter
Description
–1
Std.
Units
tDISU
Test Data Input Setup Time
0.67
0.77
ns
tDIHD
Test Data Input Hold Time
1.33
1.53
ns
tTMSSU
Test Mode Select Setup Time
0.67
0.77
ns
tTMDHD
Test Mode Select Hold Time
1.33
1.53
ns
tTCK2Q
Clock to Q (data out)
8.00
9.20
ns
tRSTB2Q
Reset to Q (data out)
26.67
30.67
ns
FTCKMAX
TCK Maximum Frequency
19.00
21.85
MHz
tTRSTREM
ResetB Removal Time
0.00
0.00
ns
tTRSTREC
ResetB Recovery Time
0.27
0.31
ns
tTRSTMPW
ResetB Minimum Pulse
TBD
TBD
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-9 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com