Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO10PDB0V0 Datasheet(PDF) 100 Page - Microsemi Corporation

Part # IO10PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO10PDB0V0 Datasheet(HTML) 100 Page - Microsemi Corporation

Back Button IO10PDB0V0 Datasheet HTML 96Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 97Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 98Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 99Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 100Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 101Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 102Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 103Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 104Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 197 page
background image
SmartFusion DC and Switching Characteristics
2- 88
R e v i sio n 1 2
Serial Peripheral Interface (SPI) Characteristics
This section describes the DC and switching of the SPI interface. Unless otherwise noted, all output
characteristics given for a 35 pF load on the pins and all sequential timing characteristics are related to
SPI_x_CLK. For timing parameter definitions, refer to Figure 2-47 on page 2-89.
Table 2-100 • SPI Characteristics
Commercial Case Conditions: TJ = 85ºC, VDD = 1.425 V, –1 Speed Grade
Symbol
Description and Condition
A2F060
A2F200
A2F500
Unit
sp1
SPI_x_CLK minimum period
SPI_x_CLK = PCLK/2
20
NA
20
ns
SPI_x_CLK = PCLK/4
40
40
40
ns
SPI_x_CLK = PCLK/8
80
80
80
ns
SPI_x_CLK = PCLK/16
0.16
0.16
0.16
µs
SPI_x_CLK = PCLK/32
0.32
0.32
0.32
µs
SPI_x_CLK = PCLK/64
0.64
0.64
0.64
µs
SPI_x_CLK = PCLK/128
1.28
1.28
1.28
µs
SPI_x_CLK = PCLK/256
2.56
2.56
2.56
µs
sp2
SPI_x_CLK minimum pulse width high
SPI_x_CLK = PCLK/2
10
NA
10
ns
SPI_x_CLK = PCLK/4
20
20
20
ns
SPI_x_CLK = PCLK/8
40
40
40
ns
SPI_x_CLK = PCLK/16
0.08
0.08
0.08
µs
SPI_x_CLK = PCLK/32
0.16
0.16
0.16
µs
SPI_x_CLK = PCLK/64
0.32
0.32
0.32
µs
SPI_x_CLK = PCLK/128
0.64
0.64
0.64
µs
SPI_x_CLK = PCLK/256
1.28
1.28
1.28
us
sp3
SPI_x_CLK minimum pulse width low
SPI_x_CLK = PCLK/2
10
NA
10
ns
SPI_x_CLK = PCLK/4
20
20
20
ns
SPI_x_CLK = PCLK/8
40
40
40
ns
SPI_x_CLK = PCLK/16
0.08
0.08
0.08
µs
SPI_x_CLK = PCLK/32
0.16
0.16
0.16
µs
SPI_x_CLK = PCLK/64
0.32
0.32
0.32
µs
SPI_x_CLK = PCLK/128
0.64
0.64
0.64
µs
SPI_x_CLK = PCLK/256
1.28
1.28
1.28
µs
sp4
SPI_x_CLK, SPI_x_DO, SPI_x_SS rise time (10%-90%) 1
4.7
4.7
4.7
ns
sp5
SPI_x_CLK, SPI_x_DO, SPI_x_SS fall time (10%-90%) 1
3.4
3.4
3.4
ns
Notes:
1. These values are provided for a load of 35 pF. For board design considerations and detailed output buffer resistances,
use the corresponding IBIS models located on the Microsemi SoC Products Group website:
http://www.microsemi.com/index.php?option=com_microsemi&Itemid=489&lang=en&view=salescontact.
2. For allowable pclk configurations, refer to the Serial Peripheral Interface Controller section in the SmartFusion
Microcontroller Subsystem User’s Guide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com