Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO10PDB0V0 Datasheet(PDF) 139 Page - Microsemi Corporation

Part # IO10PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO10PDB0V0 Datasheet(HTML) 139 Page - Microsemi Corporation

Back Button IO10PDB0V0 Datasheet HTML 135Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 136Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 137Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 138Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 139Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 140Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 141Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 142Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 143Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
5 - 25
AA11
ADC9
ADC6
ADC6
AA12
ABPS1
ABPS7
ABPS7
AA13
ADC6
TM2
TM2
AA14
NC
ABPS4
ABPS4
AA15
NC
SDD1
SDD1
AA16
GNDVAREF
GNDVAREF
GNDVAREF
AA17
VAREFOUT
VAREFOUT
VAREFOUT
AA18
PU_N
PU_N
PU_N
AA19
VCC33A
VCC33A
VCC33A
AA20
PTEM
PTEM
PTEM
AA21
GND
GND
GND
B1
GND
GND
GND
B21
IO17PDB0V0
GBB2/IO20NDB1V0
GBB2/IO27NDB1V0
C1
EMC_DB[15]/IO45PDB5V0
EMC_DB[15]/GAA2/IO71PDB5V0
EMC_DB[15]/GAA2/IO88PDB5V0
C3
VCOMPLA0
VCOMPLA
VCOMPLA0
C4
VCCPLL0
VCCPLL
VCCPLL0
C5
VCCFPGAIOB0
VCCFPGAIOB0
VCCFPGAIOB0
C6
EMC_AB[1]/IO04PPB0V0
EMC_AB[1]/IO04PPB0V0
EMC_AB[1]/IO06PPB0V0
C7
GND
GND
GND
C8
EMC_OEN0_N/IO03NDB0V0
EMC_OEN0_N/IO03NDB0V0
EMC_OEN0_N/IO08NDB0V0
C9
EMC_AB[2]/IO05NDB0V0
EMC_AB[2]/IO05NDB0V0
EMC_AB[2]/IO09NDB0V0
C10
EMC_AB[5]/IO06PDB0V0
EMC_AB[5]/IO06PDB0V0
EMC_AB[5]/IO10PDB0V0
C11
VCCFPGAIOB0
VCCFPGAIOB0
VCCFPGAIOB0
C12
EMC_AB[9]/IO08PPB0V0
EMC_AB[9]/IO08PPB0V0
EMC_AB[9]/IO13PPB0V0
C13
EMC_AB[15]/IO11PPB0V0
EMC_AB[15]/IO11PPB0V0
EMC_AB[15]/IO15PPB0V0
C14
EMC_AB[19]/IO13PDB0V0
EMC_AB[19]/IO13PDB0V0
EMC_AB[19]/IO18PDB0V0
C15
GND
GND
GND
C16
EMC_AB[22]/IO15NDB0V0
EMC_AB[22]/IO15NDB0V0
EMC_AB[22]/IO19NDB0V0
C17
EMC_AB[23]/IO15PDB0V0
EMC_AB[23]/IO15PDB0V0
EMC_AB[23]/IO19PDB0V0
C18
NC
NC
VCCPLL1
C19
NC
NC
VCOMPLA1
Pin
No.
CS288
A2F060 Function
A2F200 Function
A2F500 Function
Notes:
1. Shading denotes pins that do not have completely identical functions from density to density. For example, the bank
assignment can be different for an I/O, or the function might be available only on a larger density device.
2. *: Indicates that the signal assigned to the pins as a CLKBUF/CLKBUF_LVPECL/CLKBUF_LVDS goes through a
glitchless mux. In order for the glitchless mux to operate correctly, the signal must be a free-running clock signal. Refer to
the ’Glitchless MUX’ section in the SmartFusion Microcontroller Subsystem User’s Guide for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com