Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9775 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9775
Description  14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9775 Datasheet(HTML) 4 Page - Analog Devices

  AD9775 Datasheet HTML 1Page - Analog Devices AD9775 Datasheet HTML 2Page - Analog Devices AD9775 Datasheet HTML 3Page - Analog Devices AD9775 Datasheet HTML 4Page - Analog Devices AD9775 Datasheet HTML 5Page - Analog Devices AD9775 Datasheet HTML 6Page - Analog Devices AD9775 Datasheet HTML 7Page - Analog Devices AD9775 Datasheet HTML 8Page - Analog Devices AD9775 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
AD9775
Rev. E | Page 4 of 56
GENERAL DESCRIPTION
The AD97751 is the 14-bit member of the AD977x pin-
compatible, high performance, programmable 2×/4×/8×
interpolating TxDAC+ family. The AD977x family features a
serial port interface (SPI) that provides a high level of
programmability, thus allowing for enhanced system-level
options. These options include selectable 2×/4×/8×
interpolation filters; fS/2, fS/4, or fS/8 digital quadrature
modulation with image rejection; a direct IF mode;
programmable channel gain and offset control; programmable
internal clock divider; straight binary or twos complement data
interface; and a single-port or dual-port data interface.
The selectable 2×/4×/8× interpolation filters simplify the
requirements of the reconstruction filters while simultaneously
enhancing the pass-band noise/distortion performance of
TxDAC+ devices. The independent channel gain and offset
adjust registers allow the user to calibrate LO feedthrough and
sideband suppression errors associated with analog quadrature
modulators. The 6 dB of gain adjustment range can also be used
to control the output power level of each DAC.
The AD9775 can perform fS/2, fS/4, and fS/8 digital modulation
and image rejection when combined with an analog quadrature
modulator. In this mode, the AD9775 accepts I and Q complex
data (representing a single or multicarrier waveform), generates
a quadrature modulated IF signal along with its orthogonal
representation via its dual DACs, and presents these two
reconstructed orthogonal IF carriers to an analog quadrature
modulator to complete the image rejection upconversion
process. Another digital modulation mode (that is, the direct IF
mode) allows the original baseband signal representation to be
frequency translated such that pairs of images fall at multiples
of one-half the DAC update rate.
The AD977x family includes a flexible clock interface that
accepts differential or single-ended sine wave or digital logic
inputs. An internal PLL clock multiplier is included and
generates the necessary on-chip high frequency clocks. It can
also be disabled to allow the use of a higher performance
external clock source. An internal programmable divider
simplifies clock generation in the converter when using an
external clock source. A flexible data input interface allows for
straight binary or twos complement formats and supports
single-port interleaved or dual-port data.
Dual high performance DAC outputs provide a differential
current output programmable over a 2 mA to 20 mA range.
The AD9775 is manufactured on an advanced 0.35 micron
CMOS process, operates from a single supply of 3.1 V to 3.5 V,
and consumes 1.2 W of power.
Targeted at wide dynamic range, multicarrier and multistandard
systems, the superb baseband performance of the AD9775 is
ideal for wideband CDMA, multicarrier CDMA, multicarrier
TDMA, multicarrier GSM, and high performance systems
employing high order QAM modulation schemes. The image
rejection feature simplifies and can help reduce the number of
signal band filters needed in a transmit signal chain. The direct
IF mode helps to eliminate a costly mixer stage for a variety of
communications systems.
PRODUCT HIGHLIGHTS
1.
The AD9775 is the 14-bit member of the AD977x pin-
compatible, high performance, programmable 2×/4×/8×
interpolating TxDAC+ family.
2.
Direct IF transmission capability for 70 MHz + IFs through
a novel digital mixing process.
3.
fS/2, fS/4, and fS/8 digital quadrature modulation and user-
selectable image rejection to simplify/remove cascaded
SAW filter stages.
4.
A 2×/4×/8× user-selectable, interpolating filter eases data
rate and output signal reconstruction filter requirements.
5.
User-selectable, twos complement/straight binary data
coding.
6.
User-programmable, channel gain control over 1 dB range
in 0.01 dB increments.
7.
User programmable channel offset control ±10% over the
FSR.
8.
Ultrahigh speed 400 MSPS DAC conversion rate.
9.
Internal clock divider provides data rate clock for easy
interfacing.
10. Flexible clock input with single-ended or differential input,
CMOS, or 1 V p-p LO sine wave input capability.
11. Low power: complete CMOS DAC operates on 1.2 W from
a 3.1 V to 3.5 V single supply. The 20 mA full-scale current
can be reduced for lower power operation and several sleep
functions are provided to reduce power during idle
periods.
12. On-chip voltage reference. The AD9775 includes a 1.20 V
temperature compensated band gap voltage reference.
13. 80-lead, thin quad flat package, exposed pad (TQFP_EP).
1 Protected by U.S. Patent Numbers 5,568,145; 5,689,257; and 5,703,519. Other patents pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com