Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9775 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9775
Description  14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9775 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9775 Datasheet HTML 35Page - Analog Devices AD9775 Datasheet HTML 36Page - Analog Devices AD9775 Datasheet HTML 37Page - Analog Devices AD9775 Datasheet HTML 38Page - Analog Devices AD9775 Datasheet HTML 39Page - Analog Devices AD9775 Datasheet HTML 40Page - Analog Devices AD9775 Datasheet HTML 41Page - Analog Devices AD9775 Datasheet HTML 42Page - Analog Devices AD9775 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
AD9775
Rev. E | Page 39 of 56
The complex carrier synthesized in the AD9775 digital
modulator is accomplished by creating two real digital carriers
in quadrature. Carriers in quadrature cannot be created with
the modulator running at fDAC/2. As a result, complex modula-
tion only functions with modulation rates of fDAC/4 and fDAC/8.
Regions A and B of Figure 83 to Figure 88 are the result of the
complex signal described previously, when complex modulated
in the AD9775 by +ejωt. Regions C and D are the result of the
complex signal described previously, again with positive
frequency components only, modulated in the AD9775 by –ejωt.
The analog quadrature modulator after the AD9775 inherently
modulates by +ejωt.
Region A
Region A is a direct result of the upconversion of the complex
signal near baseband. If viewed as a complex signal, only the
images in Region A remain. The complex Signal A, consisting
of positive frequency components only in the digital domain,
has images in the positive odd Nyquist zones (1, 3, 5, …), as
well as images in the negative even Nyquist zones. The
appearance and rejection of images in every other Nyquist zone
becomes more apparent at the output of the quadrature
modulator. The A images appear on the real and the imaginary
outputs of the AD9775, as well as on the output of the quadrature
modulator, where the center of the spectral plot now represents
the quadrature modulator LO, and the horizontal scale now
represents the frequency offset from this LO.
Region B
Region B is the image (complex conjugate) of Region A. If a
spectrum analyzer is used to view the real or imaginary DAC
outputs of the AD9775, Region B appears in the spectrum.
However, on the output of the quadrature modulator, Region B
is rejected.
Region C
Region C is most accurately described as a downconversion, as
the modulating carrier is –ejωt. If viewed as a complex signal, only
the images in Region C remain. This image appears on the real
and imaginary outputs of the AD9775, as well as on the output of
the quadrature modulator, where the center of the spectral plot
now represents the quadrature modulator LO and the horizontal
scale represents the frequency offset from this LO.
Region D
Region D is the image (complex conjugate) of Region C. If a
spectrum analyzer is used to view the real or imaginary DAC
outputs of the AD9775, Region D appears in the spectrum.
However, on the output of the quadrature modulator, Region D
is rejected.
Figure 89 to Figure 96 show the measured response of the AD9775
and AD8345 given the complex input signal to the AD9775 in
Figure 89. The data in these graphs was taken with a data rate of
12.5 MSPS at the AD9775 inputs. The interpolation rate of 4× or 8×
gives a DAC output data rate of 50 MSPS or 100 MSPS. As a result,
the high end of the DAC output spectrum in these graphs is the
first null point for the sin(x)/x roll-off, and the asymmetry of the
DAC output images is representative of the sin(x)/x roll-off over the
spectrum. The internal PLL was enabled for these results. In
addition, a 35 MHz third-order low-pass filter was used at the
AD9775/AD8345 interface to suppress DAC images.
An important point can be made by looking at Figure 91 and
Figure 93. Figure 91 represents a group of positive frequencies
modulated by complex +fDAC/4, while Figure 93 represents a
group of negative frequencies modulated by complex −fDAC/4.
When looking at the real or imaginary outputs of the AD9775,
as shown in Figure 91 and Figure 93, the results look identical.
However, the spectrum analyzer cannot show the phase
relationship of these signals. The difference in phase between
the two signals becomes apparent when they are applied to the
AD8345 quadrature modulator, with the results shown in
Figure 92 and Figure 94.
–100
–80
–60
–40
–20
0
0
–0.5
–1.5
–1.0
–2.0
0.5
1.0
1.5
2.0
(LO)
fOUT (×fDATA)
D
A
BC
D
A
BC
Figure 83. 2× Interpolation, Complex fDAC/4 Modulation
–100
–80
–60
–40
–20
0
0
–1.0
–3.0
–2.0
–4.0
1.0
2.0
3.0
4.0
(LO)
fOUT (×fDATA)
DA
B
C
D
A
B
C
Figure 84. 4× Interpolation, Complex fDAC/4 Modulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com