Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9775 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9775
Description  14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9775 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9775 Datasheet HTML 15Page - Analog Devices AD9775 Datasheet HTML 16Page - Analog Devices AD9775 Datasheet HTML 17Page - Analog Devices AD9775 Datasheet HTML 18Page - Analog Devices AD9775 Datasheet HTML 19Page - Analog Devices AD9775 Datasheet HTML 20Page - Analog Devices AD9775 Datasheet HTML 21Page - Analog Devices AD9775 Datasheet HTML 22Page - Analog Devices AD9775 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
AD9775
Rev. E | Page 19 of 56
REGISTER DESCRIPTIONS
ADDRESS 0x00
Bit 7:
Logic 0 (default) causes the SPI_SDIO pin to act as an
input during the data transfer (Phase 2) of the communications
cycle. When set to 1, SPI_SDIO can act as an input or output,
depending on Bit 7 of the instruction byte.
Bit 6:
Logic 0 (default) determines the direction (LSB/MSB
first) of the communications and data transfer communications
cycles. Refer to the MSB/LSB Transfers section for more details.
Bit 5:
Writing 1 to this bit resets the registers to their default
values and restarts the chip. The RESET bit always reads back 0.
Register Address 0x00 bits are not cleared by this software reset.
However, a high level at the RESET pin forces all registers,
including those in Address 0x00, to their default state.
Bit 4:
Sleep Mode. A Logic 1 to this bit shuts down the DAC
output currents.
Bit 3:
Power Down. Logic 1 shuts down all analog and digital
functions except for the SPI port.
Bit 2:
1R/2R Mode. The default (0) places the AD9775 in two-
resistor mode. In this mode, the IREF currents for the I and Q
DAC references are set separately by the RSET resistors on FSADJ1
and FSADJ2 (Pin 60 and Pin 59). In 2R mode, assuming the coarse
gain setting is full scale and the fine gain setting is zero,
IFULLSCALE1 = 32 × VREF/FSADJ1 and IFULLSCALE2 = 32 × VREF/FSADJ2.
With this bit set to 1, the reference currents for both I and Q
DACs are controlled by a single resistor on Pin 60. IFULLSCALE in
one-resistor mode for both of the I and Q DACs is half of what
it would be in 2R mode, assuming all other conditions (RSET,
register settings) remain unchanged. The full-scale current of
each DAC can still be set to 20 mA by choosing a resistor of half
the value of the RSET value used in 2R mode.
Bit 1:
PLL_LOCK Indicator. When the PLL is enabled, reading
this bit gives the status of the PLL. A Logic 1 indicates the PLL
is locked. A Logic 0 indicates an unlocked state.
ADDRESS 0x01
Bit 7 and Bit 6:
This is the filter interpolation rate according to
the following table.
Table 11.
00
1×
01
2×
10
4×
11
8×
Bit 5 and Bit 4:
This is the modulation mode according to the
following table.
Table 12.
00
None
01
fS/2
10
fS/4
11
fS/8
Bit 3:
Logic 1 enables zero-stuffing mode for interpolation filters.
Bit 2:
Default (1) enables the real mix mode. The I and Q data
channels are individually modulated by fS/2, fS/4, or fS/8 after
the interpolation filters. However, no complex modulation is
done. In the complex mix mode (Logic 0), the digital
modulators on the I and Q data channels are coupled to create a
digital complex modulator. When the AD9775 is applied in
conjunction with an external quadrature modulator, rejection
can be achieved of either the higher or lower frequency image
around the second IF frequency (that is, the LO of the analog
quadrature modulator external to the AD9775) according to the
bit value of Register 0x01, Bit 1.
Bit 1:
Logic 0 (default) causes the complex modulation to be of
the form e− jωt, resulting in the rejection of the higher frequency
image when the AD9775 is used with an external quadrature
modulator. A Logic 1 causes the modulation to be of the form
e+jωt, which causes rejection of the lower frequency image.
Bit 0:
In two-port mode, a Logic 0 (default) causes Pin 8 to act
as a lock indicator for the internal PLL. A Logic 1 in this register
causes Pin 8 to act as a DATACLK. For more information, see
the Two-Port Data Input Mode section.
ADDRESS 0x02
Bit 7:
Logic 0 (default) causes data to be accepted on the inputs
as twos complement binary. Logic 1 causes data to be accepted
as straight binary.
Bit 6:
Logic 0 (default) places the AD9775 in two-port mode.
I and Q data enters the AD9775 via Ports 1 and 2, respectively.
A Logic 1 places the AD9775 in one-port mode in which
interleaved I and Q data is applied to Port 1. See Table 9 for
detailed information on how to use the DATACLK/PLL_LOCK,
IQSEL, and ONEPORTCLK modes.
Bit 5:
DATACLK Driver Strength. With the internal PLL
disabled and this bit set to Logic 0, it is recommended that
DATACLK be buffered. When this bit is set to Logic 1,
DATACLK acts as a stronger driver capable of driving small
capacitive loads.
Bit 4:
Logic 0 (default). A value of 1 inverts DATACLK at Pin 8.
Bit 2:
Logic 0 (default). A value of 1 inverts ONEPORTCLK at
Pin 32.
Bit 1:
Logic 0 (default) causes IQSEL = 0 to direct input data to
the I channel, while IQSEL = 1 directs input data to the Q
channel.
Bit 0:
Logic 0 (default) defines IQ pairing as IQ, IQ… while
programming a Logic 1 causes the pair ordering to be QI, QI…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com