Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9775 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9775
Description  14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9775 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9775 Datasheet HTML 8Page - Analog Devices AD9775 Datasheet HTML 9Page - Analog Devices AD9775 Datasheet HTML 10Page - Analog Devices AD9775 Datasheet HTML 11Page - Analog Devices AD9775 Datasheet HTML 12Page - Analog Devices AD9775 Datasheet HTML 13Page - Analog Devices AD9775 Datasheet HTML 14Page - Analog Devices AD9775 Datasheet HTML 15Page - Analog Devices AD9775 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
AD9775
Rev. E | Page 12 of 56
TYPICAL PERFORMANCE CHARACTERISTICS
T = 25°C, AVDD = 3.3 V, CLKVDD = 3.3 V, DVDD = 3.3 V, IOUTFS = 20 mA, interpolation = 2×, differential transformer-coupled output,
50 Ω doubly terminated, unless otherwise noted.
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
FREQUENCY (MHz)
0
65
130
Figure 6. Single-Tone Spectrum @ fDATA = 65 MSPS with fOUT = fDATA/3
50
55
60
65
70
75
80
85
90
10
15
0
5
20
25
30
FREQUENCY (MHz)
0dBFS
–6dBFS
–12dBFS
Figure 7. In-Band SFDR vs. fOUT @ fDATA = 65 MSPS
50
55
60
65
70
75
80
85
90
10
15
0
5
20
25
30
FREQUENCY (MHz)
0dBFS
–6dBFS
–12dBFS
Figure 8. Out-of-Band SFDR vs. fOUT @ fDATA = 65 MSPS
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
FREQUENCY (MHz)
0
100
50
150
Figure 9. Single-Tone Spectrum @ fDATA = 78 MSPS with fOUT = fDATA/3
50
55
60
65
70
75
80
85
90
10
15
0
5
20
25
30
FREQUENCY (MHz)
0dBFS
–6dBFS
–12dBFS
Figure 10. In-Band SFDR vs. fOUT @ fDATA = 78 MSPS
50
55
60
65
70
75
80
85
90
10
15
0
5
20
25
30
FREQUENCY (MHz)
0dBFS
–6dBFS
–12dBFS
Figure 11. Out-of-Band SFDR vs. fOUT @ fDATA = 78 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com