Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PINDIODESCHIP Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # PINDIODESCHIP
Description  Silicon PIN Chips
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

PINDIODESCHIP Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  PINDIODESCHIP Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. PINDIODESCHIP Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. PINDIODESCHIP Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. PINDIODESCHIP Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. PINDIODESCHIP Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. PINDIODESCHIP Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. PINDIODESCHIP Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
V20
Silicon PIN Chips
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
6
Package Availability Table
Base Part Number
Available ODS Package Styles
MA4P161
None. Use MA4P203 as alternative
MADP-000165
None
MADP-000135
None
MA47416
None
MA47418
None
MA4P203
30, 32, 94, 111, 1056
MA4P303
32, 36, 94, 120, 186, 255, 1088
MA4P404
30, 31, 36, 111, 258,1072T*
MA4P504
30, 120, 144, 186, 255,1072T*
MA4P505
36, 255, 1072T*
MA4P506
30, 31, 36, 255, 258, 1072T*
MA4P604
30, 43, 255, 258
MA4P606
30, 36, 258
MA4P607
43, 296
MA4P709
150
MA4P7493
None
MA4PK2000
1027, 1048,1082,
MA4PK3000
1073,1074,1084,
Package Parasitic Capacitance
Package Style
Cap. (pF)
30
0.18
31
0.18
32
0.30
36
0.18
43
0.75
94
0.15
111
0.27
120
0.13
144
0.42
186
0.15
255
0.30
258
0.18
276
0.13
296
0.35
1027
0.80
1048
0.80
1056
0.20
1072
0.16
1073
0.90
1074
0.90
1082
0.80
1084
0.90
1088
0.12
*Note: “T” after the package style number indicates tape and reel.
1072T = 1500pcs/reel
Datasheets for electrical specifications of packaged devices
can be found at :
macomtech.com/datasheets/packagedpindiodes
and for high voltage, high power devices
macomtech.com/datasheets/MA4PK2000_3000_Series
For package outlines refer to web page:
macomtech.com/Content/outlinedrawings



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com