Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PINDIODESCHIP Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # PINDIODESCHIP
Description  Silicon PIN Chips
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

PINDIODESCHIP Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  PINDIODESCHIP Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. PINDIODESCHIP Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. PINDIODESCHIP Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. PINDIODESCHIP Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. PINDIODESCHIP Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. PINDIODESCHIP Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. PINDIODESCHIP Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
V20
Silicon PIN Chips
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Features
♦
Switch & Attenuator Die
♦
Extensive Selection of I-Region Lengths
♦
Hermetic
♦
Glass Passivated CERMACHIP®
♦
Oxide Passivated Planar Chips
♦
Voltage Ratings to 3000V
♦
Fast Switching Speed
♦
Low Loss
♦
High Isolation
♦
RoHS Compliant
Absolute Maximum Ratings1
TAMB = +25°C (Unless otherwise specified)
Description
M/A-COM Technology Solutions offers a comprehensive
line of low capacitance, planar and mesa, silicon PIN
diode chips which use ceramic glass and silicon nitride
passivation technology. The Silicon PIN Chip series of
devices cover a broad spectrum of performance
requirements for control circuit applications. They are
available in several choices of I-region lengths and have
been optimally designed to minimize parametric trade offs
when considering low capacitance, low series resistance,
and high breakdown voltages. Their small size and low
parasitics, make them an ideal choice for broadband, high
frequency, micro-strip hybrid assemblies.
The attenuator line of PIN diode chips are a planar or
mesa construction and because of their thicker I-regions
and predictable Rs vs. I characteristics, they are well
suited for low distortion attenuator and switch circuits.
Incorporated in the chip’s construction is M/A-COM
Tech’s, time proven, hard glass, CERMACHIP® . The
hard glass passivation completely encapsulates the entire
PIN junction area resulting in a hermetically sealed chip
which has been qualified in many military applications.
These CERMACHIP® diodes are available in a wide
range of voltages, up to 3,000 volts, which are capable of
controlling kilowatts of RF power.
Many of M/A-COM Tech’s silicon PIN diode chips are also
available in several different package styles. Please refer to
the “Packaged PIN Diode Datasheet” for case style availability
and electrical specifications located on the M/A-COM Tech
website at :
macomtech.com/datasheets/packagedpindiodes
and for high voltage, high power devices at :
macomtech.com/datasheets/MA4PK2000_3000_Series
Parameter
Absolute Maximum
Forward Current (IF)
Per P/N Rs vs. I Graph
Reverse Voltage (VR)
Per Specification Table
Power Dissipation (W)
175°C – Tambient°C
Theta
Operating Temperature
-55°C to +175°C
Storage Temperature
-55°C to +200°C
Junction Temperature
+175°C
Mounting Temperature
+320°C for 10 seconds
1. Exceeding these limits may cause permanent damage
to the chip
Anode
Full Area Cathode


Similar Part No. - PINDIODESCHIP

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
PINDIODESCHIPS MA-COM-PINDIODESCHIPS Datasheet
383Kb / 7P
Silicon PIN Chips
PINDIODESCHIPS MA-COM-PINDIODESCHIPS Datasheet
383Kb / 7P
Silicon PIN Chips
PINDIODESCHIPS MA-COM-PINDIODESCHIPS_15 Datasheet
383Kb / 7P
Silicon PIN Chips
PINDIODESCHIP MA-COM-PINDIODESCHIP_15 Datasheet
381Kb / 7P
Silicon PIN Chips
More results

Similar Description - PINDIODESCHIP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4P150 MACOM-MA4P150 Datasheet
506Kb / 5P
PIN Diode Chips
logo
Microsemi Corporation
MXP3000 MICROSEMI-MXP3000 Datasheet
29Kb / 1P
GaAs PIN Photodiode Chips
MXP4000 MICROSEMI-MXP4000 Datasheet
172Kb / 1P
InGaAs/InP PIN Photodiode Chips
logo
Skyworks Solutions Inc.
APD0505-000 SKYWORKS-APD0505-000 Datasheet
138Kb / 4P
Silicon PIN Diode Chips
logo
Alpha Industries
CDC7630-000 ALPHA-CDC7630-000 Datasheet
305Kb / 3P
Silicon Schottky Diode Chips
logo
M/A-COM Technology Solu...
MA4P161-134 MA-COM-MA4P161-134 Datasheet
393Kb / 6P
Silicon PIN Chips
MA4GP022-277 MA-COM-MA4GP022-277 Datasheet
338Kb / 6P
GaAs PIN Diode Chips
PINDIODESCHIPS MA-COM-PINDIODESCHIPS Datasheet
383Kb / 7P
Silicon PIN Chips
PINDIODESCHIP MA-COM-PINDIODESCHIP_15 Datasheet
381Kb / 7P
Silicon PIN Chips
PINDIODESCHIPS MA-COM-PINDIODESCHIPS_15 Datasheet
383Kb / 7P
Silicon PIN Chips
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com