Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PINDIODESCHIP Datasheet(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

Part # PINDIODESCHIP
Description  Silicon PIN Chips
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

PINDIODESCHIP Datasheet(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

  PINDIODESCHIP Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. PINDIODESCHIP Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. PINDIODESCHIP Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. PINDIODESCHIP Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. PINDIODESCHIP Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. PINDIODESCHIP Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. PINDIODESCHIP Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
V20
Silicon PIN Chips
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
7
Die Handling and Bonding Information
Handling: All semiconductor chips should be handled with care to avoid damage or contamination
from perspiration, salts, and skin oils. The use of plastic tipped tweezers or vacuum pickup is
strongly recommended for the handling and placing of individual components. Bulk handling should
ensure that abrasion and mechanical shock are minimized.
Die Attach Surface: Die can be mounted with an 80Au/Sn20, eutectic solder preform, RoHS
compliant solders or electrically conductive silver epoxy. The metal RF and D.C. ground plane
mounting surface must be free of contamination and should have a surface flatness of < ±0.002”.
Eutectic Die Attachment Using Hot Gas Die Bonder: A work surface temperature of 255oC is
recommended. When hot forming gas (95%N/5%H) is applied, the work area temperature should be
approximately 290oC. The chip should not be exposed to temperatures greater than 320oC for more
than 10 seconds.
Eutectic Die Attachment Using Reflow Oven: For recommended reflow profile refer to pages 5-7
of Application Note 538 “Surface Mounting Instructions”,
Electrically Conductive Epoxy Die Attachment: A controlled amount of electrically conductive,
silver epoxy, approximately 1–2 mils in thickness, should be used to minimize ohmic and thermal
resistance. A thin epoxy fillet should be visible around the perimeter of the chip after placement to
ensure full area coverage. Cure conductive epoxy per manufacturer’s schedule. Typically 150°C for
1 hour.
Wire and Ribbon Bonding: The die anode bond pads have a Ti-Pt-Au metallization scheme, with a
final gold thickness of 1.0 micron. Thermo-compression or thermo-sonic wedge bonding of either
gold wire or ribbon is recommended. A bonder heat stage temperature setting of 200oC, tool tip
temperature of 150°C and a force of 18 to 50 grams is suggested. Ultrasonic energy may also be
used but should be adjusted to the minimum amplitude required to achieve an acceptable bond.
Excessive energy may cause the anode metallization to separate from the chip. Automatic ball or
wedge bonding may also be used.
For more detailed handling and assembly instructions, see Application Note M541, “Bonding
and Handling Procedures for Chip Diode Devices”.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com