Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PINDIODESCHIP Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # PINDIODESCHIP
Description  Silicon PIN Chips
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

PINDIODESCHIP Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  PINDIODESCHIP Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. PINDIODESCHIP Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. PINDIODESCHIP Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. PINDIODESCHIP Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. PINDIODESCHIP Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. PINDIODESCHIP Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. PINDIODESCHIP Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
V20
Silicon PIN Chips
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Low Capacitance PIN Specification @ TAMB = +25°C
Part Number
Max. Rev.
Voltage3
VR <10 µA
VDC
Max.
Cap.
1 MHz
Cj @ -10 V
pF
Max.
Series Res.
500 MHz
RS @ 10 mA
Nominal Characteristics
Carrier
Lifetime1
TL
ηS
Reverse
Recovery
Time 2
TRR
ηS
I Region
Length
μm
Theta
°C/W
Anode
Diameter
± 0.5
mils
Chip
Size
± 0.5
mils
Chip
Thk.
± 0.5
mils
MA4P161-134
100
0.10
1.50
150
15
13
65
3.5
13X13
6
MA4P203-134
100
0.15
1.50
150
25
13
75
3.1
13X13
6
MADP-000165-01340W
200
0.06
2.50
200
20
19
30
1.8
13X13
7
MADP-000135-01340W
200
0.15
1.20
440
44
19
30
3.1
13x13
10
MA4P7493-134
150
0.05
1.80
80
8
19
60
3.8
13X13
6.5
Notes:
1. Nominal carrier life time (TL ) specified at IF = + 10mA , IREV = - 6mA.
2. Nominal reverse recovery time specified at IF = + 20mA , IREV = - 200mA.
3. Reverse Voltage (VR) is sourced and the resultant reverse leakage current (IR) is measured to be <10μA.
Attenuator PIN Specification @ TAMB = +25°C
Part Number
Max. Rev.
Voltage2
VR <10 µA
VDC
Max.
Cap.
1MHz
Cj @ -100 V
pF
Max.
Series Res.
100MHz
RS @ 10 mA
Nominal Characteristics
Carrier
Lifetime1
TL
μS
Series
Res.
100MHz
RS @ 10 μA
Series
Res.
100MHz
RS @ 1 mA
I Region
Length
mils
Theta
°C/W
Anode
Diameter
± 0.5
mils
Chip
Size
± 2
mils
Chip
Thk.
± 1
mils
MA47416-132
200
0.15
6
2
2000
30
4
30
7.5 X7.5
3
19X19
7
MA47418-134
200
0.15
3
1
500
15
2
25
7.5
13X13
7
Notes:
1. Nominal carrier life time (TL) specified at IF = + 10mA, IREV = - 6mA.
2. Reverse Voltage (VR) is sourced and the resultant reverse leakage current (IR) is measured to be <10μA.
3. Anode top contact is square.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com