Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTH20N50D Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXTH20N50D
Description  High Voltage MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH20N50D Datasheet(HTML) 3 Page - IXYS Corporation

  IXTH20N50D Datasheet HTML 1Page - IXYS Corporation IXTH20N50D Datasheet HTML 2Page - IXYS Corporation IXTH20N50D Datasheet HTML 3Page - IXYS Corporation IXTH20N50D Datasheet HTML 4Page - IXYS Corporation IXTH20N50D Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2006 IXYS All rights reserved
Fig . 1. Ou tp u t C h ar acte r is tics
@ 25
ºC
0
2
4
6
8
10
12
14
16
18
20
012
34567
89
1 0
V D S - V olts
V GS = 5V
2V
1V
0V
3V
4V
0V
-1V
Fig. 2. Exte nde d Ou tp ut Char acte ris tics
@ 25
ºC
0
5
10
15
20
25
30
35
40
0
3
6
9
12
15
18
21
24
27
30
V D S - V olts
VGS = 5V
3V
2V
4V
1V
0V
Fig. 3. Output Characte ris tics
@ 125
ºC
0
2
4
6
8
10
12
14
16
18
20
0
2
4
6
8
1012
14
1618
20
V D S - V olts
VGS = 5V
2V
3V
4V
1V
0V
-1V
Fig. 4. RDS(on) Norm alized to 0.5 ID25
Value vs . Junction Te m pe rature
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGS = 5V
VGS = 10V
ID = 10A
Fig. 5. RDS(on) Normalized to
0.5 ID25 Value vs. ID
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
0
5
10
15
20
25
30
I D - Amperes
TJ = 125ºC
TJ = 25ºC
VGS = 10V
VGS = 5V
Fig. 6. Drain Current vs. Case
Tem perature
0
2
4
6
8
10
12
14
16
18
20
22
-50
-25
0
25
50
75
100
125
150
TC - Degrees Centigrade
IXTH 20N50D
IXTT 20N50D



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com