Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTH20N50D Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTH20N50D
Description  High Voltage MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH20N50D Datasheet(HTML) 1 Page - IXYS Corporation

  IXTH20N50D Datasheet HTML 1Page - IXYS Corporation IXTH20N50D Datasheet HTML 2Page - IXYS Corporation IXTH20N50D Datasheet HTML 3Page - IXYS Corporation IXTH20N50D Datasheet HTML 4Page - IXYS Corporation IXTH20N50D Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2006 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSX
T
J
= 25
°C to 150°C
500
V
V
DGX
T
J
= 25
°C to 150°C
500
V
V
GS
Continuous
± 30
V
V
GSM
Transient
± 40
V
I
D25
T
C = 25°C
20
A
I
DM
T
C = 25°C; pulse width limited by TJM
50
A
P
D
T
C = 25°C
400
W
T
J
-55 ... + 150
°C
T
JM
150
°C
T
stg
-55 ... + 150
°C
T
L
1.6 mm (0.063 in) from case for 10 seconds
300
°C
T
ISOL
Plastic case for 10 seconds
300
°C
M
d
Mounting torque
1.13/10
Nm/lb.in.
Weight
TO-247
6
g
TO-268
4
g
Features
Normally ON Mode
International standard packages
Molding epoxies meet UL 94 V-0
flammability classification
Applications
Level shifting
Triggers
Solid State Relays
Current Regulators
Active load
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSX
V
GS = -10 V, ID = 250 mA
500
V
V
GS(off)
V
DS = 25 V, ID = 250 mA
-1.5
-3.5
V
I
GSS
V
GS = ± 30 VDC, VDS = 0
± 100
nA
I
DSX(off)
V
DS = VDSS
T
J = 25°C
25
μA
V
GS = -10 V
T
J = 125°C
500
μA
R
DS(on)
V
GS = 10 V, ID = 10 A
Note 1
0.33
Ω
I
D(on)
V
GS
= 0 V, V
DS= 25 V
Note 1
1.5
A
99192(01/06)
Preliminary Data Sheet
TO-247 (IXFH)
G = Gate
D
= Drain
S = Source
TAB = Drain
IXTH 20N50D
IXTT 20N50D
High Voltage
MOSFET
N-Channel
, Depletion Mode
V
DSS
=
500 V
I
D25
=20 A
R
DS(on)
= 0.33
Ω
Ω
Ω
Ω
Ω
G
D
S
(TAB)
TO-268 (IXTT)
G
S
D (TAB)


Similar Part No. - IXTH20N50D

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTH20N60 IXYS-IXTH20N60 Datasheet
105Kb / 4P
MegaMOS FET
logo
Inchange Semiconductor ...
IXTH20N60 ISC-IXTH20N60 Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXTH20N65X IXYS-IXTH20N65X Datasheet
236Kb / 6P
Preliminary Technical Information
logo
Inchange Semiconductor ...
IXTH20N65X ISC-IXTH20N65X Datasheet
381Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTH20N50D

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTA1N100 IXYS-IXTA1N100 Datasheet
46Kb / 2P
High Voltage MOSFET
98822 IXYS-98822 Datasheet
60Kb / 2P
High Voltage MOSFET
IXTP01N100 IXYS-IXTP01N100 Datasheet
51Kb / 2P
High Voltage MOSFET
IXTU01N80 IXYS-IXTU01N80 Datasheet
68Kb / 2P
High Voltage MOSFET
IXTA2N80 IXYS-IXTA2N80 Datasheet
46Kb / 2P
High Voltage MOSFET
IXTA05N100 IXYS-IXTA05N100 Datasheet
541Kb / 4P
High Voltage MOSFET
IXTH1N100 IXYS-IXTH1N100 Datasheet
87Kb / 2P
High Voltage MOSFET
logo
Silan Microelectronics ...
3VD499650YL SILAN-3VD499650YL Datasheet
96Kb / 1P
HIGH VOLTAGE MOSFET CHIPS
logo
IXYS Corporation
IXTT1N450HV IXYS-IXTT1N450HV Datasheet
156Kb / 5P
High Voltage Power MOSFET
IXTF03N400 IXYS-IXTF03N400 Datasheet
155Kb / 4P
High Voltage Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com