Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTH20N50D Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTH20N50D
Description  High Voltage MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH20N50D Datasheet(HTML) 4 Page - IXYS Corporation

  IXTH20N50D Datasheet HTML 1Page - IXYS Corporation IXTH20N50D Datasheet HTML 2Page - IXYS Corporation IXTH20N50D Datasheet HTML 3Page - IXYS Corporation IXTH20N50D Datasheet HTML 4Page - IXYS Corporation IXTH20N50D Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTH 20N50D
IXTT 20N50D
Fig. 7. Input Adm ittance
0
5
10
15
20
25
-2
-1
0
123
V G S - Volts
TJ = 125ºC
25ºC
-40ºC
VDS = 30V
Fig. 8. Transconductance
0
2
4
6
8
10
12
14
0
5
10
15
20
25
30
I D - Amperes
TJ = -40ºC
25ºC
125ºC
VDS = 30V
Fig. 9. Source Curre nt vs .
Source -To-Drain Voltage
0
5
10
15
20
25
30
35
40
45
50
55
60
0.5
0.6
0.7
0.8
0.9
1
V S D - Volts
TJ = 125ºC
TJ = 25ºC
VGS = -10V
Fig. 10. De pe nde nce of Bre ak dow n and
Thre s hole Voltage s on Te m pe rature
0.8
0.9
1
1.1
1.2
1.3
1.4
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGS(off) @ VDS = 25V
BVDSS @ VGS = -10V
Fig. 11. Gate Charge
-5
-3
-1
1
3
5
7
9
11
0
20
40
60
80
100
120
140
Q G - nanoCoulombs
VDS = 250V
ID = 10A
IG = 10mA
Fig. 12. Capacitance
10
100
1000
10000
0
5
10
15
20
25
30
35
40
VD S - Volts
Ciss
Coss
Crss
f = 1MHz
VGS = -10V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com