Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTH20N50D Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXTH20N50D
Description  High Voltage MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH20N50D Datasheet(HTML) 5 Page - IXYS Corporation

  IXTH20N50D Datasheet HTML 1Page - IXYS Corporation IXTH20N50D Datasheet HTML 2Page - IXYS Corporation IXTH20N50D Datasheet HTML 3Page - IXYS Corporation IXTH20N50D Datasheet HTML 4Page - IXYS Corporation IXTH20N50D Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
© 2006 IXYS All rights reserved
Fig. 13. For w ar d-Bias
Safe Oper atin g Area
1
10
100
10
100
1000
V D S - V olts
100μs
1m s
DC
TJ = 150ºC
TC = 25ºC
R DS(on) Lim it
10m s
25μs
Fig. 14. Maximum Transient Thermal Resistance
0.01
0.10
1.00
0.1
1
10
100
1000
Pulse Width - milliseconds
IXTH 20N50D
IXTT 20N50D



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com