Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLF Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SLF
Description  SMD Shielded Power Inductors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SLF Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SLF Datasheet HTML 1Page - List of Unclassifed Manufacturers SLF Datasheet HTML 2Page - List of Unclassifed Manufacturers SLF Datasheet HTML 3Page - List of Unclassifed Manufacturers SLF Datasheet HTML 4Page - List of Unclassifed Manufacturers SLF Datasheet HTML 5Page - List of Unclassifed Manufacturers SLF Datasheet HTML 6Page - List of Unclassifed Manufacturers SLF Datasheet HTML 7Page - List of Unclassifed Manufacturers SLF Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SMD Shielded Power Inductors – SLF Series
Electrical Characteristics
Part Number
Inductance
(
H)
Tolerance
(±%)
Test Frequency
(KHz)
DC Resistance
(Ω
20%)
Isat
(A)
Itemp
(A) Max
SLF0628T-4R7M-N
4.7
20
1
0.0284
1.6
2.5
SLF0628T-6R8M-N
6.8
20
1
0.0354
1.5
2.2
SLF0628T-100M-N
10
20
1
0.0532
1.3
1.8
SLF0628T-150M-N
15
20
1
0.0745
1.0
1.4
SLF0628T-220M-N
22
20
1
0.104
0.77
1.3
SLF0628T-330M-N
33
20
1
0.148
0.69
1.1
SLF0628T-470M-N
47
20
1
0.21
0.59
0.92
SLF0628T-680M-N
68
20
1
0.29
0.50
0.78
SLF0628T-101M-N
100
20
1
0.43
0.42
0.64
Tolerance: M = ±20%
Isat:
Value obtained when DC current flows and the initial value of inductance has fallen by 30%
Itemp current: Value obtained when current flows and the temperature has risen to 25℃
Test equipment Inductance: HP4284A LF impedance analyzer or equivalent (Test frequency:1KHz/0.5V)
RDC: CH502BC
Electrical Characteristics
Part Number
Inductance
(
H)
Tolerance
(±%)
Test Frequency
(KHz)
DC Resistance
(Ω
20%)
Isat
(A)
SLF0728T-3R3M-N
3.3
20
1
0.037
1.6
SLF0728T-4R7M-N
4.7
20
1
0.045
1.5
SLF0728T-6R8M-N
6.8
20
1
0.059
1.3
SLF0728T-100M-N
10
20
1
0.083
1.1
SLF0728T-150M-N
15
20
1
0.13
0.88
SLF0728T-220M-N
22
20
1
0.18
0.75
SLF0728T-330M-N
33
20
1
0.24
0.65
SLF0728T-470M-N
47
20
1
0.34
0.54
 Tolerance: M = ±20%
 Isat: Value obtained when DC current flows and the initial value of inductance has fallen by 10%
 Test equipment Inductance: HP4284A LF impedance analyzer or equivalent (Test frequency:1KHz/0.5V)
 RDC: CH502BC
Electrical Characteristics
Part Number
Inductance
(
H)
Tolerance
(±%)
Test Frequency
(KHz)
DC Resistance
(Ω
20%)
Isat
(A)
SLF0730T-3R3M-N
3.3
20
1
0.023
1.8
SLF0730T-4R7M-N
4.7
20
1
0.036
1.6
SLF0730T-6R8M-N
6.8
20
1
0.041
1.5
SLF0730T-100M-N
10
20
1
0.060
1.3
SLF0730T-150M-N
15
20
1
0.084
1
SLF0730T-220M-N
22
20
1
0.15
0.86
SLF0730T-330M-N
33
20
1
0.16
0.65
SLF0730T-470M-N
47
20
1
0.24
0.57
SLF0730T-680M-N
68
20
1
0.31
0.49
SLF0730T-101M-N
100
20
1
0.45
0.35
 Tolerance: M = ±20%
 Isat: Value obtained when DC current flows and the initial value of inductance has fallen by 10%
 Test equipment Inductance: HP4284A LF impedance analyzer or equivalent (Test frequency:1KHz/0.5V)
 RDC: CH502BC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com