Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SLF
Description  SMD Shielded Power Inductors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SLF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SLF Datasheet HTML 1Page - List of Unclassifed Manufacturers SLF Datasheet HTML 2Page - List of Unclassifed Manufacturers SLF Datasheet HTML 3Page - List of Unclassifed Manufacturers SLF Datasheet HTML 4Page - List of Unclassifed Manufacturers SLF Datasheet HTML 5Page - List of Unclassifed Manufacturers SLF Datasheet HTML 6Page - List of Unclassifed Manufacturers SLF Datasheet HTML 7Page - List of Unclassifed Manufacturers SLF Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SMD Shielded Power Inductors - SLF Series
SLF Series
SLF series is designed for low profile type with low Rdc and large current.
Its magnetic shielded type is suitable for high-density mounting and flat
bottom surface allows for reliable mounting onto the board. Soldering
conditions can be easily confirmed when mounting onto the board. This
series also provides customers with embossed carrier type packaging for
automatic mounting machine.
Features
Applications
 RoHS compliant
 Low resistance and high rated currents
 Portable telephones
 Computers
 Hard disk drives and other electronic devices
Products Identification
 Packaging: T:Tape and Reel
Shape and Dimensions
SLF 0628
Dimension in mm
TYPE
A
B
C
D
E
F
SLF 0628
6 ± 0.2
6 ± 0.2
2.8 ± 0.2
1.5 TYP
2 ± 0.1
3.0 TYP
SLF0728/ 0732/ 0745/ 0730
Dimension in mm
TYPE
A
B
C
D
E
F
SLF 0728
7 ± 0.2
7 ± 0.2
2.8 ± 0.2
4.9 TYP
0.9TYP
2.0 TYP
SLF 0730
7 ± 0.2
7 ± 0.2
3.0 ± 0.2
4.9 TYP
0.9TYP
2.0 TYP
SLF 0732
7 ± 0.2
7 ± 0.2
3.2 ± 0.2
4.9 TYP
0.9TYP
2.0 TYP
SLF 0745
7 ± 0.2
7 ± 0.2
4.5 ± 0.3
4.9 TYP
0.9TYP
2.0 TYP


Similar Part No. - SLF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SLF TDK-SLF Datasheet
82Kb / 2P
Inductors For Power Line SMD
logo
JST Mfg. Co., Ltd.
SLF-01T-2.0 JST-SLF-01T-2.0 Datasheet
1Mb / 6P
6.2mm pitch disconnectable crimp style wire-to-wire connectors
SLF-01T-P1.3E JST-SLF-01T-P1.3E Datasheet
178Kb / 4P
4.5 mm pitch/Disconnectable Crimp style Wire-to-wire connectors
logo
Festo Corporation.
SLF-10-10-P-A FESTO-SLF-10-10-P-A Datasheet
93Kb / 2P
Mini slide
12/7/22
SLF-10-20-P-A FESTO-SLF-10-20-P-A Datasheet
93Kb / 2P
Mini slide
12/7/22
More results

Similar Description - SLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
Shielded SMD Power Inductors
SRR0905 BOURNS-SRR0905 Datasheet
351Kb / 2P
Shielded SMD Power Inductors
SRU1028 BOURNS-SRU1028 Datasheet
155Kb / 2P
Shielded SMD Power Inductors
logo
Superworld Electronics
STB1106 SUPERWORLD-STB1106 Datasheet
484Kb / 5P
SHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PSH3018 PREMO-PSH3018 Datasheet
356Kb / 11P
SMD Power Inductors Shielded
SHA PREMO-SHA Datasheet
167Kb / 9P
SMD Power Inductors Shielded
logo
Bourns Electronic Solut...
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com