Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLF Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SLF
Description  SMD Shielded Power Inductors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SLF Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SLF Datasheet HTML 1Page - List of Unclassifed Manufacturers SLF Datasheet HTML 2Page - List of Unclassifed Manufacturers SLF Datasheet HTML 3Page - List of Unclassifed Manufacturers SLF Datasheet HTML 4Page - List of Unclassifed Manufacturers SLF Datasheet HTML 5Page - List of Unclassifed Manufacturers SLF Datasheet HTML 6Page - List of Unclassifed Manufacturers SLF Datasheet HTML 7Page - List of Unclassifed Manufacturers SLF Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SMD Shielded Power Inductors – SLF Series
Electrical Characteristics
Part Number
Inductance
(
H)
Tolerance
(±%)
Test Frequency
(KHz)
DC Resistance
(Ω)
Isat
(A)
Itemp
(A) Max
SLF0755T-1R5T-N
1.5
30
100
0.0174±30%
6.2
4.0
SLF0755T-2R2T-N
2.2
30
100
0.0217±30%
5.3
3.5
SLF0755T-3R3T-N
3.3
30
100
0.0240±30%
4.3
3.3
SLF0755T-4R7T-N
4.7
30
100
0.0280±30%
3.6
3.1
SLF0755T-6R8T-N
6.8
30
100
0.0340±30%
3.0
2.8
SLF0755T-100M-N
10
20
100
0.0391±20%
2.6
2.5
SLF0755T-150M-N
15
20
100
0.0508±20%
2.1
2.2
SLF0755T-220M-N
22
20
100
0.0643±20%
1.7
2.0
SLF0755T-470M-N
47
20
100
0.1550±20%
0.8
1.0
 Tolerance: T = ±30% , M = ±20% ,
 Isat: Value obtained when DC current flows and the initial value of inductance has fallen by 10%
 Itemp current : Value obtained when current flows and the temperature has risen to 30℃
 Test equipment Inductance: HP4284A LF impedance analyzer or equivalent (Test frequency: 100KHz/1V)
 RDC: CH502BC
Electrical Characteristics
Part Number
Inductance
(
H)
Tolerance
(±%)
Test Frequency
(KHz)
DC Resistance
(Ω
20%)
Isat
(A)
Itemp
(A) Max
SLF1045T-100M-N
10
20
1
0.0364
3
2.5
SLF1045T-150M-N
15
20
1
0.0472
2.4
2.2
SLF1045T-220M-N
22
20
1
0.0591
2.1
1.9
SLF1045T-330M-N
33
20
1
0.0815
1.6
1.7
SLF1045T-470M-N
47
20
1
0.1
1.4
1.5
SLF1045T-680M-N
68
20
1
0.14
1.2
1.3
SLF1045T-101M-N
100
20
1
0.2
1
1.1
SLF1045T-151M-N
150
20
1
0.35
0.79
0.81
SLF1045T-221M-N
220
20
1
0.47
0.65
0.7
SLF1045T-331M-N
330
20
1
0.68
0.54
0.58
SLF1045T-471M-N
470
20
1
1.03
0.47
0.47
SLF1045T-681M-N
680
20
1
1.6
0.38
0.38
SLF1045T-102M-N
1000
20
1
2.8
0.32
0.29
SLF1045T-152M-N
1500
20
1
3.4
0.22
0.26
 Tolerance: M = ±20%
 Isat: Value obtained when DC current flows and the initial value of inductance has fallen by 10%
 Itemp current: Value obtained when current flows and the temperature has risen to 30℃
 Test equipment Inductance: HP4284A LF impedance analyzer or equivalent (Test frequency:1KHz/0.5V)
 RDC: CH502BC
Electrical Characteristics
Part Number
Inductance
(
H)
Tolerance
(±%)
Test Frequency
(KHz)
DC Resistance
(mΩ) Max
Isat
(A)
SLF1055T-100M-N
10
20
1
40
3.5
SLF1055T-330M-N
33
20
1
85
2.1
 Tolerance: M = ±20%
 Isat: Value obtained when DC current flows and the initial value of inductance has fallen by 15%
 Test equipment Inductance: HP4284A LF impedance analyzer or equivalent (Test frequency:1KHz/0.5V)
 RDC:CH502BC digital



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com