Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLF Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SLF
Description  SMD Shielded Power Inductors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SLF Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  SLF Datasheet HTML 1Page - List of Unclassifed Manufacturers SLF Datasheet HTML 2Page - List of Unclassifed Manufacturers SLF Datasheet HTML 3Page - List of Unclassifed Manufacturers SLF Datasheet HTML 4Page - List of Unclassifed Manufacturers SLF Datasheet HTML 5Page - List of Unclassifed Manufacturers SLF Datasheet HTML 6Page - List of Unclassifed Manufacturers SLF Datasheet HTML 7Page - List of Unclassifed Manufacturers SLF Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SMD Shielded Power Inductors – SLF Series
Electrical Characteristics
Part Number
Inductance
(
H)
Tolerance
(±%)
Test Frequency
(KHz)
DC Resistance
(Ω
20%)
Isat
(A)
Itemp
(A) Max
SLF1255T-6R0M-N
6
20
1
0.0164
3.6
4.9
SLF1255T-100M-N
10
20
1
0.0215
3.4
4.3
SLF1255T-150M-N
15
20
1
0.0259
2.8
3.9
SLF1255T-220M-N
22
20
1
0.0338
2.3
3.4
SLF1255T-330M-N
33
20
1
0.0415
1.9
3.1
SLF1255T-470M-N
47
20
1
0.0618
1.6
2.5
SLF1255T-680M-N
68
20
1
0.0832
1.3
2.2
SLF1255T-101M-N
100
20
1
0.117
1.1
1.8
SLF1255T-151M-N
150
20
1
0.19
0.88
1.4
SLF1255T-221M-N
220
20
1
0.27
0.72
1.2
SLF1255T-331M-N
330
20
1
0.41
0.59
1
SLF1255T-471M-N
470
20
1
0.52
0.49
0.88
SLF1255T-681M-N
680
20
1
0.76
0.43
0.73
SLF1255T-102M-N
1000
20
1
1.12
0.34
0.6
SLF1255T-152M-N
1500
20
1
1.73
0.29
0.48
Tolerance: M = ±20%
Isat:
Value obtained when DC current flows and the initial value of inductance has fallen by 10%
Itemp current: Value obtained when current flows and the temperature has risen to 30℃
Test equipment Inductance: HP4284A LF impedance analyzer or equivalent (Test frequency: 1KHz/0.5V)
RDC:CH502BC
Electrical Characteristics
Part Number
Inductance
(
H)
Tolerance
(±%)
Test Frequency
(KHz)
DC Resistance
(Ω
20%)
Isat
(A)
Itemp
(A) Max
SLF1265T-2R0T-N
2
30
1
0.0117
10
6.2
SLF1265T-4R2T-N
4.2
30
1
0.015
7.3
5.5
SLF1265T-7R0T-N
7
30
1
0.0177
5.7
5
SLF1265T-100M-N
10
20
1
0.0202
5
4.8
SLF1265T-150M-N
15
20
1
0.0237
4.2
4.4
SLF1265T-220M-N
22
20
1
0.0316
3.5
3.8
SLF1265T-330M-N
33
20
1
0.0406
2.8
3.4
SLF1265T-470M-N
47
20
1
0.0578
2.4
2.8
SLF1265T-680M-N
68
20
1
0.0787
2
2.4
SLF1265T-101M-N
100
20
1
0.123
1.6
1.9
SLF1265T-221M-N
220
20
1
0.273
1
1.2
 Tolerance: M = ±20%
 Isat: Value obtained when DC current flows and the initial value of inductance has fallen by 10%
 Itemp current: Value obtained when current flows and the temperature has risen to 40℃
 Test equipment Inductance: HP4284A LF impedance analyzer or equivalent (Test frequency: 1KHz/0.5V)
 RDC:CH502BC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com