Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C04-R Datasheet(PDF) 1 Page - STMicroelectronics

Part # M24C04-R
Description  4-Kbit serial IC bus EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C04-R Datasheet(HTML) 1 Page - STMicroelectronics

  M24C04-R Datasheet HTML 1Page - STMicroelectronics M24C04-R Datasheet HTML 2Page - STMicroelectronics M24C04-R Datasheet HTML 3Page - STMicroelectronics M24C04-R Datasheet HTML 4Page - STMicroelectronics M24C04-R Datasheet HTML 5Page - STMicroelectronics M24C04-R Datasheet HTML 6Page - STMicroelectronics M24C04-R Datasheet HTML 7Page - STMicroelectronics M24C04-R Datasheet HTML 8Page - STMicroelectronics M24C04-R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
This is information on a product in full production.
September 2013
DocID023994 Rev 3
1/34
M24C04-W M24C04-R
M24C04-F
4-Kbit serial I²C bus EEPROM
Datasheet
- production data
1. Not recommended for new designs.
Features
• Compatible with all I2C bus modes:
– 400 kHz
– 100 kHz
• Memory array:
– 4 Kbit (512 bytes) of EEPROM
– Page size: 16 bytes
• Single supply voltage:
– M24C04-W: 2.5 V to 5.5 V
– M24C04-R: 1.8 V to 5.5 V
– M24C04-F: 1.7 V to 5.5 V (full temperature
range) and 1.6 V to 1.7 V (limited
temperature range)
• Write:
– Byte Write within 5 ms
– Page Write within 5 ms
• Operating temperature range: from -40 °C up
to +85 °C
• Random and sequential Read modes
• Write protect of the whole memory array
• Enhanced ESD/Latch-Up protection
• More than 4 million Write cycles
• More than 200-year data retention
• Packages:
– RoHS compliant and halogen-free
(ECOPACK®)
PDIP8 (BN)(1)
SO8 (MN)
150 mil width
TSSOP8 (DW)
169 mil width
UFDFPN8
(MC)
www.st.com


Similar Part No. - M24C04-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C04-R STMICROELECTRONICS-M24C04-R Datasheet
510Kb / 39P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
29-Apr-2010
M24C04-R STMICROELECTRONICS-M24C04-R Datasheet
453Kb / 38P
Enhanced ESD/latch-up protection, More than 40-year data retention
15-Apr-2011
M24C04-R STMICROELECTRONICS-M24C04-R Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
15-Apr-2011
M24C04-R STMICROELECTRONICS-M24C04-R Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
M24C04-R STMICROELECTRONICS-M24C04-R Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
More results

Similar Description - M24C04-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C32-FDW5TP STMICROELECTRONICS-M24C32-FDW5TP Datasheet
581Kb / 42P
32-Kbit serial IC bus EEPROM
02-Sep-2014
M24128-125 STMICROELECTRONICS-M24128-125 Datasheet
290Kb / 29P
Automotive 128-Kbit serial IC bus EEPROM
March 2012 Rev 1
M24512-125 STMICROELECTRONICS-M24512-125 Datasheet
293Kb / 30P
Automotive 512-Kbit serial IC bus EEPROM
13-Mar-2012
M24C04-DRE STMICROELECTRONICS-M24C04-DRE Datasheet
1Mb / 41P
4-Kbit serial IC bus EEPROM - 105C operation
28-Jan-2015
M24C32M-FCU STMICROELECTRONICS-M24C32M-FCU Datasheet
557Kb / 35P
32-Kbit serial IC bus EEPROM 4 balls CSP
10-Feb-2016
M24C32S-FCU STMICROELECTRONICS-M24C32S-FCU Datasheet
598Kb / 35P
32-Kbit serial IC bus EEPROM 4 balls CSP
14-Oct-2015
M24C32T-FCU STMICROELECTRONICS-M24C32T-FCU Datasheet
599Kb / 36P
32-Kbit serial IC bus EEPROM 4 balls CSP
06-Oct-2015
M24C64M-FCU STMICROELECTRONICS-M24C64M-FCU Datasheet
554Kb / 35P
64-Kbit serial IC bus EEPROM 4 balls CSP
03-Feb-2016
M24C64S-FCU STMICROELECTRONICS-M24C64S-FCU Datasheet
599Kb / 35P
64-Kbit serial IC bus EEPROM 4 balls CSP
14-Oct-2015
M24C64T-FCU STMICROELECTRONICS-M24C64T-FCU Datasheet
598Kb / 36P
64-Kbit serial IC bus EEPROM 4 balls CSP
06-Oct-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com