Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321D Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # AT45DB321D
Description  32Mb, 2.5V or 2.7V DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321D Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button AT45DB321D Datasheet HTML 10Page - List of Unclassifed Manufacturers AT45DB321D Datasheet HTML 11Page - List of Unclassifed Manufacturers AT45DB321D Datasheet HTML 12Page - List of Unclassifed Manufacturers AT45DB321D Datasheet HTML 13Page - List of Unclassifed Manufacturers AT45DB321D Datasheet HTML 14Page - List of Unclassifed Manufacturers AT45DB321D Datasheet HTML 15Page - List of Unclassifed Manufacturers AT45DB321D Datasheet HTML 16Page - List of Unclassifed Manufacturers AT45DB321D Datasheet HTML 17Page - List of Unclassifed Manufacturers AT45DB321D Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
14
AT45DB321D [DATASHEET]
3597T–DFLASH–11/2013
Figure 7-3. Program Sector Protection Register
7.1.3
Read Sector Protection Register Command
To read the sector protection register, the CS pin must first be asserted. Once the CS pin has been asserted, an opcode of 32H
and three dummy bytes must be clocked in via the SI pin. After the last bit of the opcode and dummy bytes has been clocked in,
any additional clock pulses on the SCK pins will result in data for the content of the sector protection register being output on the
SO pin. The first byte corresponds to sector 0 (0a, 0b), the second byte corresponds to sector 1, and the last byte (byte 64)
corresponds to sector 63. Once the last byte of the sector protection register has been clocked out, any additional clock pulses
will result in undefined data being output on the SO pin. The CS pin must be deasserted to terminate the read sector protection
register operation and put the output into a high-impedance state.
Table 7-6.
Read Sector Protection Register Command
Command
Byte 1
Byte 2
Byte 3
Byte 4
Note:
xx = Dummy byte
Figure 7-4. Read Sector Protection Register
7.1.4
Various Aspects About the Sector Protection Register
The sector protection register is subject to a limit of 10,000 erase/program cycles. Users are encouraged to carefully evaluate
the number of times the sector protection register will be modified during the course of the application’s life cycle. If the
application requires the sector protection register to be modified more than the specified limit of 10,000 cycles because the
application needs to temporarily unprotect individual sectors (sector protection remains enabled while the sector protection
register is reprogrammed), then the application will need to limit this practice. Instead, a combination of temporarily unprotecting
individual sectors, along with disabling sector protection completely, will need to be implemented by the application to ensure
that the limit of 10,000 cycles is not exceeded.
Data byte
n
Opcode
byte 1
Opcode
byte 2
Opcode
byte 3
Opcode
byte 4
Data byte
n + 1
Data byte
n + 63
CS
Each transition
represents 8 bits
SI
Read sector protection register
32H
xxH
xxH
xxH
Opcode
X
X
X
Data byte
n
Data byte
n + 1
CS
Data byte
n + 63
SI
SO
Each transition
represents 8 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com