Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AT45DB321D
Description  32Mb, 2.5V or 2.7V DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321D Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AT45DB321D Datasheet HTML 1Page - List of Unclassifed Manufacturers AT45DB321D Datasheet HTML 2Page - List of Unclassifed Manufacturers AT45DB321D Datasheet HTML 3Page - List of Unclassifed Manufacturers AT45DB321D Datasheet HTML 4Page - List of Unclassifed Manufacturers AT45DB321D Datasheet HTML 5Page - List of Unclassifed Manufacturers AT45DB321D Datasheet HTML 6Page - List of Unclassifed Manufacturers AT45DB321D Datasheet HTML 7Page - List of Unclassifed Manufacturers AT45DB321D Datasheet HTML 8Page - List of Unclassifed Manufacturers AT45DB321D Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
2
AT45DB321D [DATASHEET]
3597T–DFLASH–11/2013
1.
Description
The AT45DB321D is a 2.5V or 2.7V, serial interface, sequential access flash memory ideally suited for a wide variety of digital
voice-, image-, program code-, and data-storage applications. The AT45DB321D supports the RapidS serial interface for
applications requiring very high speed operations. The RapidS serial interface is SPI compatible for frequencies up to 66MHz.
The 34,603,008-bits of memory are organized as 8,192 pages of 512 bytes or 528 bytes each. In addition to the main memory,
the AT45DB321D also contains two SRAM buffers of 512/528 bytes each. These buffers allow the receiving of data while a
page in the main memory is being reprogrammed, as well as the writing of a continuous data stream. EEPROM (electrically
erasable and programmable read-only memory) emulation (bit or byte alterability) is easily handled with a self-contained,
three-step read-modify-write operation. Unlike conventional flash memories, which are accessed randomly with multiple
address lines and a parallel interface, DataFlash® devices use a RapidS serial interface to sequentially access its data. The
simple sequential access dramatically reduces active pin count, facilitates hardware layout, increases system reliability,
minimizes switching noise, and reduces package size. The device is optimized for use in many commercial and industrial
applications where high density, low pin count, low voltage and low power are essential.
To allow for simple, in-system reprogrammability, the AT45DB321D does not require high input voltages for programming. The
device operates from a single power supply, 2.7V to 3.6V, for both the program and read operations. The AT45DB321D is
enabled through the chip select pin (CS) and accessed via a three-wire interface consisting of the serial input (SI), serial output
(SO), and serial clock (SCK) lines.
All programming and erase cycles are self timed.
Figure 1-1. Pin configurations and pinouts.
MLF(1) (VDFN)
Top View
Note:
1.
The metal pad on the bottom of
the MLF package is floating.
This pad can be a “No Connect” or
connected to GND.
SOIC
Top View
BGA Package Ball-out
Top View
TSOP: Type 1
Top View
Note:
TSOP package is not recommended for new designs.
Future die shrinks will support 8-pin packages only.
SI
SCK
RESET
CS
SO
GND
VCC
WP
8
7
6
5
1
2
3
4
1
2
3
4
8
7
6
5
SI
SCK
RESET
CS
SO
GND
VCC
WP
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
VCC
GND
SCK
CS
RDY/BSY WP
SI
SO
RESET
1
2
3
4
5
A
B
C
D
E
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
RDY/BUSY
RESET
WP
NC
NC
VCC
GND
NC
NC
NC
CS
SCK
SI
SO
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com