Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321D Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # AT45DB321D
Description  32Mb, 2.5V or 2.7V DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321D Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button AT45DB321D Datasheet HTML 16Page - List of Unclassifed Manufacturers AT45DB321D Datasheet HTML 17Page - List of Unclassifed Manufacturers AT45DB321D Datasheet HTML 18Page - List of Unclassifed Manufacturers AT45DB321D Datasheet HTML 19Page - List of Unclassifed Manufacturers AT45DB321D Datasheet HTML 20Page - List of Unclassifed Manufacturers AT45DB321D Datasheet HTML 21Page - List of Unclassifed Manufacturers AT45DB321D Datasheet HTML 22Page - List of Unclassifed Manufacturers AT45DB321D Datasheet HTML 23Page - List of Unclassifed Manufacturers AT45DB321D Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
20
AT45DB321D [DATASHEET]
3597T–DFLASH–11/2013
10.
Deep Power-down
After an initial power-up, the device will default to standby mode. The deep power-down command allows the device to enter
into the lowest power-consumption mode. To enter the deep power-down mode, the CS pin must first be asserted. Once the CS
pin has been asserted, an opcode of B9H must be clocked in via the input pin (SI). After the last bit of the command has been
clocked in, the CS pin must be deasserted to initiate deep power-down operation. After the CS pin is deasserted, the device will
enter the deep power-down mode within a maximum time of tEDPD. Once the device has entered the deep power-down mode, all
instructions are ignored, except for the resume from deep power-down commands.
Table 10-1. Deep Power-down
Command
Opcode
Figure 10-1. Deep Power-down
10.1
Resume from Deep Power-down
The resume from deep power-down command takes the device out of the deep power-down mode and returns it to the normal
standby mode. To resume from deep power-down mode, the CS pin must first be asserted, and an opcode of ABH must be
clocked in via the input pin (SI). After the last bit of the command has been clocked in, the CS pin must be deasserted to
terminate the deep power-down mode. After the CS pin is deasserted, the device will return to the normal standby mode within
a maximum time of tRDPD. The CS pin must remain high during the tRDPD time before the device can receive any commands.
After resuming from deep power-down, the device will return to the normal standby mode.
Table 10-2. Resume from Deep Power-down
Command
Opcode
Figure 10-2. Resume from Deep Power-Down
Deep power-down
B9H
Opcode
CS
Each transition
represents 8 bits
SI
Resume from deep power-down
ABH
Opcode
CS
Each transition
represents 8 bits
SI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com