Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321D Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AT45DB321D
Description  32Mb, 2.5V or 2.7V DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321D Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AT45DB321D Datasheet HTML 1Page - List of Unclassifed Manufacturers AT45DB321D Datasheet HTML 2Page - List of Unclassifed Manufacturers AT45DB321D Datasheet HTML 3Page - List of Unclassifed Manufacturers AT45DB321D Datasheet HTML 4Page - List of Unclassifed Manufacturers AT45DB321D Datasheet HTML 5Page - List of Unclassifed Manufacturers AT45DB321D Datasheet HTML 6Page - List of Unclassifed Manufacturers AT45DB321D Datasheet HTML 7Page - List of Unclassifed Manufacturers AT45DB321D Datasheet HTML 8Page - List of Unclassifed Manufacturers AT45DB321D Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
4
AT45DB321D [DATASHEET]
3597T–DFLASH–11/2013
Figure 1-2. Block Diagram
2.
Memory Array
To provide optimal flexibility, the AT45DB321D memory array is divided into three levels of granularity comprising sectors,
blocks, and pages. The “Memory Architecture Diagram” illustrates the breakdown of each level, and details the number of
pages per sector and block. All program operations to the DataFlash device occur on a page-by-page basis. The erase
operations can be performed at the chip, sector, block, or page level.
Figure 2-1. Memory Architecture Diagram
Flash Memory Array
Page (512-/528-bytes)
Buffer 2 (512-/528-bytes)
Buffer 1 (512-/528-bytes)
I/O Interface
SCK
CS
RESET
VCC
GND
RDY/BUSY
WP
SO
SI
Sector 0a = 8 pages
4,096/4,224 bytes
Sector 0b = 120 pages
61,440/63,360 bytes
Block = 4,096/4,224 bytes
8 Pages
Sector 0a
Page = 512/528 bytes
Page 0
Page 1
Page 6
Page 7
Page 8
Page 9
Page 8,190
Page 8,191
Page 14
Page 15
Page 16
Page 17
Page 18
Sector Architecture
Block Architecture
Page Architecture
Block 0
Block 1
Block 14
Block 15
Block 16
Block 17
Block 1,022
Block 1,023
Block 30
Block 31
Block 32
Block 33
Sector 63 = 128 pages
65,536/67,584 bytes
Block 2
Sector 1 = 128 pages
65,536/67,584 bytes
Sector 62 = 128 pages
65,536/67,584 bytes
Sector 2 = 128 pages
65,536/67,584 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com