Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321D Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # AT45DB321D
Description  32Mb, 2.5V or 2.7V DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321D Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button AT45DB321D_13 Datasheet HTML 18Page - List of Unclassifed Manufacturers AT45DB321D_13 Datasheet HTML 19Page - List of Unclassifed Manufacturers AT45DB321D_13 Datasheet HTML 20Page - List of Unclassifed Manufacturers AT45DB321D_13 Datasheet HTML 21Page - List of Unclassifed Manufacturers AT45DB321D_13 Datasheet HTML 22Page - List of Unclassifed Manufacturers AT45DB321D_13 Datasheet HTML 23Page - List of Unclassifed Manufacturers AT45DB321D_13 Datasheet HTML 24Page - List of Unclassifed Manufacturers AT45DB321D_13 Datasheet HTML 25Page - List of Unclassifed Manufacturers AT45DB321D_13 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
22
AT45DB321D [DATASHEET]
3597T–DFLASH–11/2013
device information follows. As indicated in the JEDEC standard, reading the extended device information string length and any
subsequent data is optional.
Deasserting the CS pin will terminate the manufacturer and device ID read operation and put the SO pin into a high-impedance
state. The CS pin can be deasserted at any time, and does not require that a full byte of data be read.
12.1
Manufacturer and Device ID Information
12.1.1 Byte 1 – Manufacturer ID
12.1.2 Byte 2 – Device ID (Part 1)
12.1.3 Byte 3 – Device ID (Part 2)
12.1.4 Byte 4 – Extended Device Information String Length
Note:
Based on JEDEC publication 106 (JEP106), manufacturer ID data can be comprised of any number of bytes.
Some manufacturers may have manufacturer ID codes that are two, three, or even four bytes long, with the first
byte(s) in the sequence being 7FH. A system should detect code 7FH as a “continuation code” and continue to
read manufacturer ID bytes. The first non-7FH byte would signify the last byte of manufacturer ID data. For Adesto
(and some other manufacturers), the manufacturer ID data is comprised of only one byte.
Hex
Value
JEDEC Assigned Code
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
1FH
0
0
0
1
1
1
1
1
Manufacturer ID
1FH = Adesto
Hex
Value
Family Code
Density Code
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Family code
001 = DataFlash
27H
0
0
1
0
0
1
1
1
Density code
00111 = 32Mb
Hex
Value
MLC Code
Product Version Code
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
MLC code
000 = 1-bit/cell technology
01H
0
0
0
0
0
0
0
1
Product version
00001 = Second version
Hex
Value
Byte Count
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00H
0
0
0
0
0
0
0
0
Byte count
00H = 0 bytes of Information
9FH
Manufacturer ID
Byte 1
Device ID
Byte 2
Device ID
Byte 3
This information would only be output
if the extended device information string length
value was something other than 00H
Extended
device
information
string length
Extended
device
information
Byte x
Extended
device
information
Byte x + 1
CS
1FH
27H
01H
00H
Data
Data
SI
SO
Opcode
Each transition
represents 8 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com