Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321D Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # AT45DB321D
Description  32Mb, 2.5V or 2.7V DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321D Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button AT45DB321D_13 Datasheet HTML 34Page - List of Unclassifed Manufacturers AT45DB321D_13 Datasheet HTML 35Page - List of Unclassifed Manufacturers AT45DB321D_13 Datasheet HTML 36Page - List of Unclassifed Manufacturers AT45DB321D_13 Datasheet HTML 37Page - List of Unclassifed Manufacturers AT45DB321D_13 Datasheet HTML 38Page - List of Unclassifed Manufacturers AT45DB321D_13 Datasheet HTML 39Page - List of Unclassifed Manufacturers AT45DB321D_13 Datasheet HTML 40Page - List of Unclassifed Manufacturers AT45DB321D_13 Datasheet HTML 41Page - List of Unclassifed Manufacturers AT45DB321D_13 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
38
AT45DB321D [DATASHEET]
3597T–DFLASH–11/2013
Figure 22-4. Main Memory Page Read (Opcode: D2H)
Figure 22-5. Buffer Read (Opcode D4H or D6H)
Figure 22-6. Buffer Read (Low Frequency: Opcode D1H or D3H)
SCK
CS
SI
SO
MSB
MSB
23
1
0
11010010
67
5
410 11
9
812
63
66 67
65
64
62
33 34
31 32
29 30
68
71 72
70
69
OPCODE
AAAA
A
AA
AA
MSB
XXXX
XX
MSB
MSB
DDDDDDDD
D
D
Address bits
32 don't care bits
Data byte 1
High-impedance
SCK
CS
SI
SO
MSB
MSB
23
1
0
11010100
67
5
410 11
9
812
39
42 43
41
40
37 38
33
36
35
34
31 32
29 30
44
47 48
46
45
OPCODE
XXXX
AAA
XX
MSB
XXXXXXXX
MSB
MSB
DDDDDDDD
D
D
Address bits
Binary page size = 15 don't care + BFA8-BFA0
Standard dataflash page size =
14 don't care + BFA9-BFA0
Don't care
Data byte 1
High-impedance
SCK
CS
SI
SO
MSB
MSB
23
1
0
11010001
67
5
410 11
9
812
37 38
33
36
35
34
31 32
29 30
39 40
OPCODE
XXXX
AAA
XX
MSB
MSB
DDDDDDDD
D
D
Data byte 1
High-impedance
Address bits
Binary page size = 15 don't care + BFA8-BFA0
Standard Dataflash page size =
14 don't care + BFA9-BFA0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com