Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321D Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # AT45DB321D
Description  32Mb, 2.5V or 2.7V DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321D Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button AT45DB321D_13 Datasheet HTML 27Page - List of Unclassifed Manufacturers AT45DB321D_13 Datasheet HTML 28Page - List of Unclassifed Manufacturers AT45DB321D_13 Datasheet HTML 29Page - List of Unclassifed Manufacturers AT45DB321D_13 Datasheet HTML 30Page - List of Unclassifed Manufacturers AT45DB321D_13 Datasheet HTML 31Page - List of Unclassifed Manufacturers AT45DB321D_13 Datasheet HTML 32Page - List of Unclassifed Manufacturers AT45DB321D_13 Datasheet HTML 33Page - List of Unclassifed Manufacturers AT45DB321D_13 Datasheet HTML 34Page - List of Unclassifed Manufacturers AT45DB321D_13 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
31
AT45DB321D [DATASHEET]
3597T–DFLASH–11/2013
17.
Input Test Waveforms and Measurement Levels
tR, tF < 2ns (10% to 90%)
18.
Output Test Load
19.
AC Waveforms
Six different timing waveforms are shown on page 31. Waveform 1 shows the SCK signal being low when CS makes a high-to-
low transition, and waveform 2 shows the SCK signal being high when CS makes a high-to-low transition. In both cases, output
SO becomes valid while the SCK signal is still low (SCK low time is specified as tWL). Timing waveforms 1 and 2 conform to
RapidS serial interface, but for frequencies up to 66MHz. Waveforms 1 and 2 are compatible with SPI Mode 0 and SPI Mode 3,
respectively.
Waveform 3 and waveform 4 illustrate general timing diagram for RapidS serial interface. These are similar to waveform 1 and
waveform 2, except that output SO is not restricted to become valid during the tWL period. These timing waveforms are valid
over the full frequency range (maximum frequency = 66MHz) of the RapidS serial case.
Table 19-1. Waveform 1 – SPI Mode 0 Compatible (for frequencies up to 66MHz)
CS
SCK
SI
SO
tCSS
Valid in
tH
tSU
tWH
tWL
tCSH
tCS
tV
High impedance
Valid out
tHO
tDIS
High impedance
AC
Driving
Levels
AC
Measurement
Level
0.45V
1.5V
2.4V
Device
under
test
30pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com