Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321D Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # AT45DB321D
Description  32Mb, 2.5V or 2.7V DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321D Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button AT45DB321D_13 Datasheet HTML 44Page - List of Unclassifed Manufacturers AT45DB321D_13 Datasheet HTML 45Page - List of Unclassifed Manufacturers AT45DB321D_13 Datasheet HTML 46Page - List of Unclassifed Manufacturers AT45DB321D_13 Datasheet HTML 47Page - List of Unclassifed Manufacturers AT45DB321D_13 Datasheet HTML 48Page - List of Unclassifed Manufacturers AT45DB321D_13 Datasheet HTML 49Page - List of Unclassifed Manufacturers AT45DB321D_13 Datasheet HTML 50Page - List of Unclassifed Manufacturers AT45DB321D_13 Datasheet HTML 51Page - List of Unclassifed Manufacturers AT45DB321D_13 Datasheet HTML 52Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
49
AT45DB321D [DATASHEET]
3597T–DFLASH–11/2013
26.
Revision History
Doc. Rev.
Date
Comments
3597T
11/2013
Corrected Product ID Hex Value for Byte 3 in Table 12.1.3. Corrected Memory Architecture
Diagram, Figure 2-1.
3597S
8/2013
Not recommended for new designs. Use AT45DB321E.
3597R
11/2012
Update to Adesto.
3597Q
06/2011
In Table 16-3,
- Increased tXFR, page to buffer transfer time and tCOMP, page to buffer compare time max
values from 200us to 300us
- Changed tCE typical time and max time are TBD, see errata
- Changed tSE typical time is 1.6s and the max time is 5s
Replace 24C1 with 24C3
Updated template
3597P
05/2010
Changed tSE (Typ) 1.6 to 0.7 and (Max) 5 to 1.3
Changed from 10,000 to 20,000 cumulative page erase/program operations and added the
please contact Adesto statement in section 11.3
3597O
10/2009
Added the 2.5V VCC option
Removed AT45DB321D-MWU-2.5 and AT45DB321D-TU-2.5 from the ordering Information table
3597N
04/2009
Updated Absolute Maximum Ratings
Added 24C1 24 Ball BGA package Option
Deleted DataFlash Card Package Option
3597M
03/2009
Changed deep power-down current values
- Increased typical value from 5μA to 15μA
- Increased maximum value from 15μA to 25μA
3597L
02/2009
Changed tDIS (Typ and Max) to 27ns and 35ns, respectively
3597K
09/2008
Corrected typographical errors in Sector Erase section.
Corrected A17+A16 from x (Don’t care) to A for opcode 7Ch in Table 15-6
Corrected PA8+PA7 from x (Don’t care) to P for opcode 7Ch in Table 15-7
3597J
04/2008
Added part number ordering code details for suffixes SL954/955
Added ordering code details
3597I
08/2007
Added additional text to “power of two” binary page size option
Changed tVSCL from 50μs to 70μs
Changed tRDPD from 30μs to 35μs
Changed tXFR and tCOMP values from 400μs to 200μs
Removed AT45DB321D-CNU from ordering information and corresponding 8CN3 package
3597H
02/2007
Added AT45DB321D-CNU to ordering information and corresponding 8CN3 package
Removed “not recommended for new designs” comment from 8MW package drawing
3597G
09/2006
Removed “not recommended for new designs” note from ordering information for 8MW package
3597F
08/2006
Added errata regarding Chip Erase
Added AT45DB321D-SU to ordering information and corresponding 8S2 package
3597E
07/2006
Corrected typographical errors
3597D
04/2006
Added 8 x 6mm MLF (VDFN) package
Changed the sector size of 0a and 0b to 8 pages and 120 pages respectively
Changed the Product Version Code to 00001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com