Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321E Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button AT45DB321E Datasheet HTML 31Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 32Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 33Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 34Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 35Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 36Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 37Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 38Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 73 page
background image
35
AT45DB321E
8784F–DFLASH–11/2013
11.
Buffer and Page Size Configuration
The memory array of DataFlash devices is actually larger than other Serial Flash devices in that extra user-accessible
bytes are provided in each page of the memory array. For the AT45DB321E, there are an extra 16 bytes of memory in
each page for a total of an extra 128KB (1-Mbits) of user-accessible memory. Therefore, the device density is actually
33-Mbits instead of 32-Mbits.
Some applications, however, may not want to take advantage of this extra memory and instead architect their software to
operate on a “power of 2” binary, logical addressing scheme. To allow this, the DataFlash can be configured so that the
buffer and page sizes are 512 bytes instead of the standard 528 bytes. In addition, the configuration of the buffer and
page sizes is reversible and can be changed from 528 bytes to 512 bytes or from 512 bytes to 528 bytes. The configured
setting is stored in an internal nonvolatile register so that the buffer and page size configuration is not affected by power
cycles. The nonvolatile register has a limit of 10,000 erase/program cycles; therefore, care should be taken to not switch
between the size options more than 10,000 times.
Devices are initially shipped from Adesto with the buffer and page sizes set to 528 bytes. Devices can be ordered from
Adesto pre-configured for the “power of 2” binary size of 512 bytes. For details, see Section 27., Ordering Information on
page 63.
To configure the device for “power of 2” binary page size (512 bytes), a 4-byte opcode sequence of 3Dh, 2Ah, 80h, and
A6h must be clocked into the device. After the last bit of the opcode sequence has been clocked in, the CS pin must be
deasserted to initiate the internally self-timed configuration process and nonvolatile register program cycle. The
programming of the nonvolatile register should take place in a time of tEP, during which time the RDY/BUSY bit in the
Status Register will indicate that the device is busy. The device does not need to be power cycled after the completion of
the configuration process and register program cycle in order for the buffer and page size to be configured to 512 bytes.
To configure the device for standard DataFlash page size (528 bytes), a 4-byte opcode sequence of 3Dh, 2Ah, 80h, and
A7h must be clocked into the device. After the last bit of the opcode sequence has been clocked in, the CS pin must be
deasserted to initial the internally self-timed configuration process and nonvolatile register program cycle. The
programming of the nonvolatile register should take place in a time of tEP, during which time the RDY/BUSY bit in the
Status Register will indicate that the device is busy. The device does not need to be power cycled after the completion of
the configuration process and register program cycle in order for the buffer and page size to be configured to 528 bytes.
Table 11-1. Buffer and Page Size Configuration Commands
Figure 11-1. Buffer and Page Size Configuration
Command
Byte 1
Byte 2
Byte 3
Byte 4
“Power of 2” binary page size (512 bytes)
3Dh
2Ah
80h
A6h
DataFlash page size (528 bytes)
3Dh
2Ah
80h
A7h
CS
SI
3Dh
2Ah
80h
Opcode
Byte 4
Each transition represents eight bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com