Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321E Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button AT45DB321E Datasheet HTML 43Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 44Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 45Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 46Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 47Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 48Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 49Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 50Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 73 page
background image
47
AT45DB321E
8784F–DFLASH–11/2013
18.3 DC Characteristics
Notes: 1. Typical values measured at 3.0V at 25
C.
2. ICC2 during a Buffer Read is 20mA maximum @ 20MHz.
Symbol
Parameter
Condition
Min
Typ
Max
Units
IUDPD
Ultra-Deep Power-Down Current All inputs at 0V or VCC
0.4
1
μA
IDPD
Deep Power-Down Current
CS, RESET, WP = VIH
All inputs at CMOS levels
5
12
μA
ISB
Standby Current
CS, RESET, WP = VIH
All inputs at CMOS levels
25
50
μA
ICC1
Active Current, Low Power Read
(01h) Operation
f = 1MHz; IOUT = 0mA; VCC = 3.6V
6
9
mA
f = 15MHz; IOUT = 0mA; VCC = 3.6V
7
11
mA
ICC2(1)(2)
Active Current,
Read Operation
f = 50MHz; IOUT = 0mA; VCC = 3.6V
12
17
mA
f = 85MHz; IOUT = 0mA; VCC = 3.6V
16
22
mA
ICC3
Active Current,
Program Operation
CS=VCC
12
18
mA
ICC4
Active Current,
Erase Operation
CS=VCC
12
18
mA
ILI
Input Load Current
All inputs at CMOS levels
1
μA
ILO
Output Leakage Current
All inputs at CMOS levels
1
μA
VIL
Input Low Voltage
VCC x 0.3
V
VIH
Input High Voltage
VCC x 0.7
VCC + 0.6
V
VOL
Output Low Voltage
IOL = 100μA
0.4
V
VOH
Output High Voltage
IOH = -100μA
VCC - 0.2V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com