Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321E Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button AT45DB321E Datasheet HTML 40Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 41Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 42Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 43Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 44Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 45Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 46Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 47Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 73 page
background image
44
AT45DB321E
8784F–DFLASH–11/2013
16.
Power-On/Reset State
When power is first applied to the device, or when recovering from a reset condition, the device will default to SPI
Mode 3. In addition, the output pin (SO) will be in a high impedance state, and a high-to-low transition on the CS pin will
be required to start a valid instruction. The SPI mode (Mode 3 or Mode 0) will be automatically selected on every falling
edge of CS by sampling the inactive clock state.
16.1 Initial Power-Up Timing Restrictions
During power-up, the device must not be accessed for at least the minimum tVCSL time after the supply voltage reaches
the minimum VCC level. While the device is being powered-up, the internal Power-On Reset (POR) circuitry keeps the
device in a reset mode until the supply voltage rises above the maximum POR threshold value (VPOR). During this time,
all operations are disabled and the device will not respond to any commands. After power-up, the device will be in the
standby mode.
If the first operation to the device after power-up will be a program or erase operation, then the operation cannot be
started until the supply voltage reaches the minimum VCC level and an internal device delay has elapsed. This delay will
be a maximum time of tPUW.
Table 16-1. Power-Up Timing
Figure 16-1. Power-Up Timing
Symbol
Parameter
Min
Max
Units
tVCSL
Minimum VCC to Chip Select Low Time
85
μs
tPUW
Power-Up Device Delay Before Program or Erase Allowed
3
ms
VPOR
Power-On Reset (POR) Voltage
1.5
2.2
V
Program/Erase Operations Permitted
Read Operation Permitted
VCC
VCC (min)
VPOR (max)
VPOR (min)
Time
Do Not Attempt
Device Access
During this Time
tPUW
tVCSL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com