Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321E Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AT45DB321E Datasheet HTML 5Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 6Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 7Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 8Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 9Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 10Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 11Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 12Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 73 page
background image
9
AT45DB321E
8784F–DFLASH–11/2013
of the main memory array to read and the last 10 bits (BA9 - BA0) of the 23-bit address sequence specify the starting
byte address within the page. To perform a Continuous Array Read using the binary page size (512 bytes), the opcode
01h must be clocked into the device followed by three address bytes (A21 - A0). Following the address bytes, additional
clock pulses on the SCK pin will result in data being output on the SO pin.
The CS pin must remain low during the loading of the opcode, the address bytes, and the reading of data. When the end
of a page in the main memory is reached during a Continuous Array Read, the device will continue reading at the
beginning of the next page with no delays incurred during the page boundary crossover (the crossover from the end of
one page to the beginning of the next page). When the last bit in the main memory array has been read, the device will
continue reading back at the beginning of the first page of memory. As with crossing over page boundaries, no delays will
be incurred when wrapping around from the end of the array to the beginning of the array.
A low-to-high transition on the CS pin will terminate the read operation and tri-state the output pin (SO). The maximum
SCK frequency allowable for the Continuous Array Read is defined by the fCAR3 specification. The Continuous Array
Read bypasses both data buffers and leaves the contents of the buffers unchanged.
5.6
Main Memory Page Read
A Main Memory Page Read allows the reading of data directly from a single page in the main memory, bypassing both of
the data buffers and leaving the contents of the buffers unchanged. To start a page read using the standard DataFlash
page size (528 bytes), an opcode of D2h must be clocked into the device followed by three address bytes (which
comprise the 24-bit page and byte address sequence) and four dummy bytes. The first 13 bits
(PA12 - PA0) of the 23-bit address sequence specify the page in main memory to be read and the last 10 bits
(BA9 - BA0) of the 23-bit address sequence specify the starting byte address within that page. To start a page read using
the binary page size (512 bytes), the opcode D2h must be clocked into the device followed by three address bytes and
four dummy bytes. The first 13 bits (A21 - A9) of the 22-bit address sequence specify which page of the main memory
array to read, and the last nine bits (A8 - A0) of the 22-bit address sequence specify the starting byte address within that
page. The dummy bytes that follow the address bytes are sent to initialize the read operation. Following the dummy
bytes, the additional pulses on SCK result in data being output on the SO (serial output) pin.
The CS pin must remain low during the loading of the opcode, the address bytes, the dummy bytes, and the reading of
data. Unlike the Continuous Array Read command, when the end of a page in main memory is reached, the device will
continue reading back at the beginning of the same page rather than the beginning of the next page.
A low-to-high transition on the CS pin will terminate the read operation and tri-state the output pin (SO). The maximum
SCK frequency allowable for the Main Memory Page Read is defined by the fSCK specification. The Main Memory Page
Read bypasses both data buffers and leaves the contents of the buffers unchanged.
5.7
Buffer Read
The SRAM data buffers can be accessed independently from the main memory array, and utilizing the Buffer Read
command allows data to be sequentially read directly from either one of the buffers. Four opcodes, D4h or D1h for Buffer
1 and D6h or D3h for Buffer 2, can be used for the Buffer Read command. The use of each opcode depends on the
maximum SCK frequency that will be used to read data from the buffers. The D4h and D6h opcode can be used at any
SCK frequency up to the maximum specified by fCAR1 while the D1h and D3h opcode can be used for lower frequency
read operations up to the maximum specified by fCAR2.
To perform a Buffer Read using the standard DataFlash buffer size (528 bytes), the opcode must be clocked into the
device followed by three address bytes comprised of 14 dummy bits and 10 buffer address bits (BFA9 - BFA0). To
perform a Buffer Read using the binary buffer size (512 bytes), the opcode must be clocked into the device followed by
three address bytes comprised of 15 dummy bits and nine buffer address bits (BFA8 - BFA0). Following the address
bytes, one dummy byte must be clocked into the device to initialize the read operation if using opcodes D4h or D6h. The
CS pin must remain low during the loading of the opcode, the address bytes, the dummy byte (if using opcodes D4h or
D6h), and the reading of data. When the end of a buffer is reached, the device will continue reading back at the beginning
of the buffer. A low-to-high transition on the CS pin will terminate the read operation and tri-state the output pin (SO).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com