Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB641E Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AT45DB641E
Description  64-Mbit DataFlash (with Extra 2-Mbits), 1.7V Minimum SPI Serial Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB641E Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AT45DB641E Datasheet HTML 9Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 10Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 11Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 12Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 13Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 14Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 15Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 16Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
13
AT45DB641E
DS-45DB641E-027E–DFLASH–1/2014
6.7
Page Erase
The Page Erase command can be used to individually erase any page in the main memory array allowing the Buffer to
Main Memory Page Program without Built-In Erase command or the Main Memory Byte/Page Program through Buffer 1
command to be utilized at a later time.
To perform a Page Erase with the standard DataFlash page size (264 bytes), an opcode of 81h must be clocked into the
device followed by three address bytes comprised of 15 page address bits (PA14 - PA0) that specify the page in the main
memory to be erased, and 9 dummy bits.
To perform a Page Erase with the binary page size (256 bytes), an opcode of 81h must be clocked into the device
followed by three address bytes comprised of 1 dummy bit, 15 page address bits (A22 - A8) that specify the page in the
main memory to be erased, and 8 dummy bits.
When a low-to-high transition occurs on the CS pin, the device will erase the selected page (the erased state is a
Logic 1). The erase operation is internally self-timed and should take place in a maximum time of t
PE. During this time, the
RDY/BUSY bit in the Status Register will indicate that the device is busy.
The device also incorporates an intelligent erase algorithm that can detect when a byte location fails to erase properly. If
an erase error arises, it will be indicated by the EPE bit in the Status Register.
6.8
Block Erase
The Block Erase command can be used to erase a block of eight pages at one time. This command is useful when
needing to pre-erase larger amounts of memory and is more efficient than issuing eight separate Page Erase
commands.
To perform a Block Erase with the standard DataFlash page size (264 bytes), an opcode of 50h must be clocked into the
device followed by three address bytes comprised of 12 page address bits (PA14 - PA3), and
12 dummy bits. The 12 page address bits are used to specify which block of 8 pages is to be erased.
To perform a Block Erase with the binary page size (256 bytes), an opcode of 50h must be clocked into the device
followed by three address bytes comprised of 1 dummy bit, 12 page address bits (A22 - A11), and 11 dummy bits. The 12
page address bits are used to specify which block of 8 pages is to be erased.
When a low-to-high transition occurs on the CS pin, the device will erase the selected block of eight pages. The erase
operation is internally self-timed and should take place in a maximum time of t
BE. During this time, the RDY/BUSY bit in
the Status Register will indicate that the device is busy.
The device also incorporates an intelligent erase algorithm that can detect when a byte location fails to erase properly. If
an erase error arises, it will be indicated by the EPE bit in the Status Register.
Table 6-1.
Block Erase Addressing
PA14
/A22
PA13
/A21
PA12
/A20
PA11/
A19
PA10
/A18
PA9/
A17
PA8/
A16
PA7/
A15
PA6/
A14
PA5/
A13
PA4/
A12
PA3/
A11
PA2/
A10
PA1/
A9
PA0/
A8
Block
0
0
0
0
0
0
0
0
0
0
0
0
X
X
X
0
0
0
0
0
0
0
0
0
0
0
0
1
X
X
X
1
0
0
0
0
0
0
0
0
0
0
1
0
X
X
X
2
0
0
0
0
0
0
0
0
0
0
1
1
X
X
X
3
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
1
1
1
1
1
1
1
1
1
1
0
0
X
X
X
4092
1
1
1
1
1
1
1
1
1
1
0
1
X
X
X
4093
1
1
1
1
1
1
1
1
1
1
1
0
X
X
X
4094
1
1
1
1
1
1
1
1
1
1
1
1
X
X
X
4095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com