Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB641E Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # AT45DB641E
Description  64-Mbit DataFlash (with Extra 2-Mbits), 1.7V Minimum SPI Serial Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB641E Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button AT45DB641E Datasheet HTML 25Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 26Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 27Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 28Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 29Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 30Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 31Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 32Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 72 page
background image
29
AT45DB641E
DS-45DB641E-027E–DFLASH–1/2014
Table 9-2.
Status Register Format – Byte 2
Note:
1. R = Readable only
9.4.1
RDY/BUSY Bit
The RDY/BUSY bit is used to determine whether or not an internal operation, such as a program or erase, is in progress.
To poll the RDY/BUSY bit to detect the completion of an internally timed operation, new Status Register data must be
continually clocked out of the device until the state of the RDY/BUSY bit changes from a Logic 0 to a Logic 1.
9.4.2
COMP Bit
The result of the most recent Main Memory Page to Buffer Compare operation is indicated using the COMP bit. If the
COMP bit is a Logic 1, then at least one bit of the data in the Main Memory Page does not match the data in the buffer.
9.4.3
DENSITY Bits
The device density is indicated using the DENSITY bits. For the AT45DB641E, the four bit binary value is 1111. The
decimal value of these four binary bits does not actually equate to the device density; the four bits represent a
combinational code relating to differing densities of DataFlash devices. The DENSITY bits are not the same as the
density code indicated in the JEDEC Device ID information. The DENSITY bits are provided only for backward
compatibility to older generation DataFlash devices.
9.4.4
PROTECT Bit
The PROTECT bit provides information to the user on whether or not the sector protection has been enabled or disabled,
either by the software-controlled method or the hardware-controlled method.
9.4.5
PAGE SIZE Bit
The PAGE SIZE bit indicates whether the buffer size and the page size of the main memory array is configured for the
“power of 2” binary page size (256 bytes) or the standard DataFlash page size (264 bytes).
Bit
Name
Type
(1)
Description
7
RDY/BUSY
Ready/Busy Status
R
0
Device is busy with an internal operation.
1
Device is ready.
6
RES
Reserved for Future Use
R
0
Reserved for future use.
5
EPE
Erase/Program Error
R
0
Erase or program operation was successful.
1
Erase or program error detected.
4
RES
Reserved for Future Use
R
0
Reserved for future use.
3
SLE
Sector Lockdown Enabled
R
0
Sector Lockdown command is disabled.
1
Sector Lockdown command is enabled.
2
PS2
Program Suspend Status
(Buffer 2)
R
0
No program operation has been suspended while using Buffer 2.
1
A sector is program suspended while using Buffer 2.
1
PS1
Program Suspend Status
(Buffer 1)
R
0
No program operation has been suspended while using Buffer 1.
1
A sector is program suspended while using Buffer 1.
0
ES
Erase Suspend
R
0
No sectors are erase suspended.
1
A sector is erase suspended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com