Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB641E Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # AT45DB641E
Description  64-Mbit DataFlash (with Extra 2-Mbits), 1.7V Minimum SPI Serial Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB641E Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button AT45DB641E Datasheet HTML 17Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 18Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 19Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 20Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 21Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 22Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 23Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 24Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
21
AT45DB641E
DS-45DB641E-027E–DFLASH–1/2014
Figure 7-4.
Erase Sector Protection Register
7.3.2
Program Sector Protection Register
Once the Sector Protection Register has been erased, it can be reprogrammed using the Program Sector Protection
Register command.
To program the Sector Protection Register, a 4-byte command sequence of 3Dh, 2Ah, 7Fh, and FCh must be clocked
into the device followed by thirty two bytes of data corresponding to Sectors 0 through 31. After the last bit of the opcode
sequence and data have been clocked in, the CS pin must be deasserted to initiate the internally self-timed program
cycle. The programming of the Sector Protection Register should take place in a maximum time of t
P. During this time,
the RDY/BUSY bit in the Status Register will indicate that the device is busy. If the device is powered-down before the
completion of the erase cycle, then the contents of the Sector Protection Register cannot be guaranteed.
If the proper number of data bytes is not clocked in before the CS pin is deasserted, then the protection status of the
sectors corresponding to the bytes not clocked in cannot be guaranteed.
Example:
If only the first two bytes are clocked in instead of the complete thirty two bytes, then the protection status of
the last thirty sectors cannot be guaranteed. Furthermore, if more than thirty two bytes of data is clocked into
the device, then the data will wrap back around to the beginning of the register. For instance, if thirty three
bytes of data are clocked in, then the thirty third byte will be stored at byte location 0 of the Sector Protection
Register.
The data bytes clocked into the Sector Protection Register need to be valid values (0xh, 3xh, Cxh, and Fxh for Sector 0a
or Sector 0b, and 00h or FFh for other sectors) in order for the protection to function correctly. If a non-valid value is
clocked into a byte location of the Sector Protection Register, then the protection status of the sector corresponding to
that byte location cannot be guaranteed.
Example:
If a value of 17h is clocked into byte location 2 of the Sector Protection Register, then the protection status
of Sector 2 cannot be guaranteed.
The Sector Protection Register can be reprogrammed while the sector protection is enabled or disabled. Being able to
reprogram the Sector Protection Register with the sector protection enabled allows the user to temporarily disable the
sector protection to an individual sector rather than disabling sector protection completely.
The Program Sector Protection Register command utilizes Buffer 1 for processing. Therefore, the contents of Buffer 1
will be altered from its previous state when this command is issued.
Table 7-7.
Program Sector Protection Register Command
3Dh
2Ah
7Fh
CFh
CS
Each transition represents eight bits
SI
Command
Byte 1
Byte 2
Byte 3
Byte 4
Program Sector Protection Register
3Dh
2Ah
7Fh
FCh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com