Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB641E Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AT45DB641E
Description  64-Mbit DataFlash (with Extra 2-Mbits), 1.7V Minimum SPI Serial Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB641E Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AT45DB641E Datasheet HTML 1Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 2Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 3Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 4Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 5Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 6Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 7Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 8Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 72 page
background image
2
AT45DB641E
DS-45DB641E-027E–DFLASH–1/2014
Description
The AT45DB641E is a 1.7V minimum, serial-interface sequential access Flash memory ideally suited for a wide variety of
digital voice, image, program code, and data storage applications. The AT45DB641E also supports the RapidS serial
interface for applications requiring very high speed operation. Its 69,206,016 bits of memory are organized as 32,768
pages of 256 bytes or 264 bytes each. In addition to the main memory, the AT45DB641E also contains two SRAM
buffers of 256/264 bytes each. Interleaving between both buffers can dramatically increase a system's ability to write a
continuous data stream. In addition, the SRAM buffers can be used as additional system scratch pad memory, and
E2PROM emulation (bit or byte alterability) can be easily handled with a self-contained three step read-modify-write
operation.
Unlike conventional Flash memories that are accessed randomly with multiple address lines and a parallel interface, the
DataFlash® uses a serial interface to sequentially access its data. The simple sequential access dramatically reduces
active pin count, facilitates simplified hardware layout, increases system reliability, minimizes switching noise, and
reduces package size. The device is optimized for use in many commercial and industrial applications where
high-density, low-pin count, low-voltage, and low-power are essential.
To allow for simple in-system re-programmability, the AT45DB641E does not require high input voltages for
programming. The device operates from a single 1.7V to 3.6V power supply for the erase and program and read
operations. The AT45DB641E is enabled through the Chip Select pin (CS) and accessed via a 3-wire interface consisting
of the Serial Input (SI), Serial Output (SO), and the Serial Clock (SCK).
All programming and erase cycles are self-timed.
1.
Pin Configurations and Pinouts
Figure 1-1.
Pinouts
Note:
1.
The metal pad on the bottom of the DFN package is not internally connected to a voltage potential.
This pad can be a “no connect” or connected to GND. Care must be taken to avoid the Metal Pad shorting
on PCB tracks.
1
2
3
4
8
7
6
5
SI
SCK
RESET
CS
SO
GND
VCC
WP
8-lead SOIC
Top View
SI
SCK
RESET
CS
SO
GND
VCC
WP
8
7
6
5
1
2
3
4
8-pad UDFN
Top View
SCK
GND
VCC
WP
NC
CS
SO
SI
RST
8-ball UBGA
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com