Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT6311 Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT6311
Description  White LED/OLED Step-Up Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT6311 Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT6311 Datasheet HTML 1Page - Active-Semi, Inc ACT6311 Datasheet HTML 2Page - Active-Semi, Inc ACT6311 Datasheet HTML 3Page - Active-Semi, Inc ACT6311 Datasheet HTML 4Page - Active-Semi, Inc ACT6311 Datasheet HTML 5Page - Active-Semi, Inc ACT6311 Datasheet HTML 6Page - Active-Semi, Inc ACT6311 Datasheet HTML 7Page - Active-Semi, Inc ACT6311 Datasheet HTML 8Page - Active-Semi, Inc ACT6311 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ACT6311
Innovative PowerTM
- 2 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
Rev 4, 15-Nov-12
ORDERING INFORMATION
PIN CONFIGURATION
PART NUMBER
TEMPERATURE RANGE
PACKAGE
PINS
TOP MARK
PACKING
ACT6311UC-T
-40°C to 85°C
SOT23-5
5
YCXB
TAPE & REEL
PIN DESCRIPTION
PIN NUMBER
PIN NAME
PIN DESCRIPTION
1
SW
Switch Output. Connect this pin to the inductor and the Schottky diode. To reduce
EMI, minimize the PCB trace path between this pin and the input bypass capacitor.
2
G
Ground.
3
FB
Feedback Input. This pin is referenced to 1.24V
4
SHDN
Shutdown Control. Connect to a logic high to enable the device. Connect to a
logic low to disable the device. Never leave the pin unconnected.
5
IN
Supply Input. Bypass to G with a capacitor 1µF capacitor or higher.
Figure 2: Application as White LED Drive
1
2
3
5
4
IN
SHDN
SW
G
FB
SOT23-5
ACT6311
UC
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com